Electronic Components Datasheet Search
  English  ▼

X  

THS4061CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4061CD
Description  180-MHz HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4061CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4061CD Datasheet HTML 5Page - Texas Instruments THS4061CD Datasheet HTML 6Page - Texas Instruments THS4061CD Datasheet HTML 7Page - Texas Instruments THS4061CD Datasheet HTML 8Page - Texas Instruments THS4061CD Datasheet HTML 9Page - Texas Instruments THS4061CD Datasheet HTML 10Page - Texas Instruments THS4061CD Datasheet HTML 11Page - Texas Instruments THS4061CD Datasheet HTML 12Page - Texas Instruments THS4061CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
−40
−20
0
20
80
TA − Free-Air Temperature − °C
60
40
4
3
2
3.5
2.5
100
VCC =
±15 V, ±5 V
Figure 4
TA − Free-Air Temperature − °C
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
−40
−20
0
80
40
20
−1.5
−0.5
−2.5
60
0
−1
−2
−3.5
100
VCC =
±5 V
VCC =
±15 V
−3
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
40
20
0
10k
1M
f − Frequency − Hz
50
30
10
100k
10M
100M
60
80
1k
70
90
−135
°
−180
°
−90
°
−45
°
0
°
1G
VCC =
±5 V
VCC =
±15 V
Phase
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com