Electronic Components Datasheet Search
  English  ▼

X  

TS1000 Datasheet(PDF) 3 Page - Penn Elcom

Part # TS1000
Description  Electric TV Lift
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENNELCOM [Penn Elcom]
Direct Link  https://www.penn-elcom.com/
Logo PENNELCOM - Penn Elcom

TS1000 Datasheet(HTML) 3 Page - Penn Elcom

  TS1000 Datasheet HTML 1Page - Penn Elcom TS1000 Datasheet HTML 2Page - Penn Elcom TS1000 Datasheet HTML 3Page - Penn Elcom TS1000 Datasheet HTML 4Page - Penn Elcom TS1000 Datasheet HTML 5Page - Penn Elcom TS1000 Datasheet HTML 6Page - Penn Elcom TS1000 Datasheet HTML 7Page - Penn Elcom TS1000 Datasheet HTML 8Page - Penn Elcom TS1000 Datasheet HTML 9Page - Penn Elcom Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Electric TV Lift, TS700A & TS1000A
3
2. Specifications and main measures.
Materials and weights:
Steel, black powder coated - Weight ~ 17/23 kg
Min. Load on TV lift:
5 kg
Max. Load on TV lift:
100 kg
Operation:
Remote & Rocker switch
Voltage:
Consumption:
110-240 VAC / 50-60Hz
100 Watt max. by 80 kg
Main measures, TS700A [mm]:
VESA, TS700A:
400x400, 400x200, 400x100
300x300
200x200, 200x100
100x100
Electric TV Lift: TS700 & TS1000
65 kg
TS700 Mounting hole patterns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com