Electronic Components Datasheet Search
  English  ▼

X  

TS1000 Datasheet(PDF) 8 Page - Penn Elcom

Part # TS1000
Description  Electric TV Lift
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENNELCOM [Penn Elcom]
Direct Link  https://www.penn-elcom.com/
Logo PENNELCOM - Penn Elcom

TS1000 Datasheet(HTML) 8 Page - Penn Elcom

Back Button TS1000 Datasheet HTML 2Page - Penn Elcom TS1000 Datasheet HTML 3Page - Penn Elcom TS1000 Datasheet HTML 4Page - Penn Elcom TS1000 Datasheet HTML 5Page - Penn Elcom TS1000 Datasheet HTML 6Page - Penn Elcom TS1000 Datasheet HTML 7Page - Penn Elcom TS1000 Datasheet HTML 8Page - Penn Elcom TS1000 Datasheet HTML 9Page - Penn Elcom TS1000 Datasheet HTML 10Page - Penn Elcom  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Electric TV Lift, TS700A & TS1000A
8
External rocker switch
o the external rocker switch can be connected to the receiver, if a fixed operation unit is
required.
Trouble shooting
o check the plug connections
o check whether the blue light is on
o reset the receiver and make a new coding
Change of battery in emitter (type 27A/12V)
o remove lid on back side
o lift up battery
o place new battery
FCC Statement
This device complies with Part 15 of the FCC rules. Operation is subject to the following two
conditions; 1) This device may not cause any harmful interference and 2) This device must
accept any interference received, including interference that may cause undesired operation.
Electric TV Lift: TS700 & TS1000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com