Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD1213 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCLVD1213
Description  CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD1213 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVD1213 Datasheet HTML 1Page - Texas Instruments CDCLVD1213 Datasheet HTML 2Page - Texas Instruments CDCLVD1213 Datasheet HTML 3Page - Texas Instruments CDCLVD1213 Datasheet HTML 4Page - Texas Instruments CDCLVD1213 Datasheet HTML 5Page - Texas Instruments CDCLVD1213 Datasheet HTML 6Page - Texas Instruments CDCLVD1213 Datasheet HTML 7Page - Texas Instruments CDCLVD1213 Datasheet HTML 8Page - Texas Instruments CDCLVD1213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3mmx 3mm
16 pinQFN (RGT)
ThermalPad
VCC
INN
INP
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
QP1
QN2
QP2
QN1
VT
3
CDCLVD1213
www.ti.com
SCAS897A – JULY 2010 – REVISED OCTOBER 2016
Product Folder Links: CDCLVD1213
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RGT Package
16-Pin VQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1, 9
GND
Ground
Device ground
2, 3
QDP, QDN
Output
Differential divided LVDS output pair
4
DIV
Input with an
internal 200-kΩ
pullup and
pulldown
Divider selection – selects divider ratio for QD output (see Table 1).
5, 10
VCC
Power
2.5-V supply for the device
6, 7
INN, INP
Input
Differential input pair
8
VT
Input
Input for threshold voltage
11, 12
QP0, QN0
Output
Differential LVDS output pair number 0
13, 14
QP1, QN1
Output
Differential LVDS output pair number 1
15, 16
QP2, QN2
Output
Differential LVDS output pair number 2
—
Thermal Pad
—
See thermal management recommendations
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The output can handle the permanent short.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
–0.3
2.8
V
Input voltage, VI
–0.2
VCC + 0.2
V
Output voltage, VO
–0.2
VCC + 0.2
V
Driver short-circuit current , IOSD
See Note(2)
Storage temperature, Tstg
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com