Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD1213 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCLVD1213
Description  CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD1213 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCLVD1213 Datasheet HTML 5Page - Texas Instruments CDCLVD1213 Datasheet HTML 6Page - Texas Instruments CDCLVD1213 Datasheet HTML 7Page - Texas Instruments CDCLVD1213 Datasheet HTML 8Page - Texas Instruments CDCLVD1213 Datasheet HTML 9Page - Texas Instruments CDCLVD1213 Datasheet HTML 10Page - Texas Instruments CDCLVD1213 Datasheet HTML 11Page - Texas Instruments CDCLVD1213 Datasheet HTML 12Page - Texas Instruments CDCLVD1213 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
INP
INN
DIV
/1 /2 /4
QP0
QN0
QP1
QN1
QDP
QDN
QP2
QN2
70 W
V
T
70 W
200 kW
VCC
GND
200 kW
Copyright © 2016, Texas Instruments Incorporated
9
CDCLVD1213
www.ti.com
SCAS897A – JULY 2010 – REVISED OCTOBER 2016
Product Folder Links: CDCLVD1213
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The CDCLVD1213 LVDS drivers use CMOS transistors to control the output current. Therefore, proper biasing
and termination are required to ensure correct operation of the device and to maximize signal integrity.
The proper LVDS termination for signal integrity over two 50-Ω lines is 100 Ω between the outputs on the
receiver end. Either DC-coupled termination or AC-coupled termination can be used for LVDS outputs. TI
recommends placing a termination resistor close to the receiver. If the receiver is internally biased to a voltage
different than the output common-mode voltage of the CDCLVD1213, AC-coupling must be used. If the LVDS
receiver has internal 100-Ω termination, external termination must be omitted.
8.2 Functional Block Diagram
8.3 Feature Description
The CDCLVD1213 is a low additive jitter LVDS fan-out buffer that can generate four copies of an LVPECL,
LVDS, or CML input, one of which can be frequency divided by a factor of 1, 2, or 4. The CDCLVD1213 can
accept reference clock frequencies up to 800 MHz while providing low output skew.
8.4 Device Functional Modes
The divider on output QD can be configured to divide the input frequency by a factor 1, 2, or 4 through the
control pin (see Table 1). Unused outputs can be left floating to reduce overall component cost. Both AC- and
DC-coupling schemes can be used with the CDCLVD1213 to provide greater system flexibility.
Table 1. Divider Selection Table
DIV
DIVIDER RATIO
0
/1
open
/2
1
/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com