Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP2102 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCLVP2102
Description  CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCLVP2102 Datasheet HTML 4Page - Texas Instruments CDCLVP2102 Datasheet HTML 5Page - Texas Instruments CDCLVP2102 Datasheet HTML 6Page - Texas Instruments CDCLVP2102 Datasheet HTML 7Page - Texas Instruments CDCLVP2102 Datasheet HTML 8Page - Texas Instruments CDCLVP2102 Datasheet HTML 9Page - Texas Instruments CDCLVP2102 Datasheet HTML 10Page - Texas Instruments CDCLVP2102 Datasheet HTML 11Page - Texas Instruments CDCLVP2102 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CDCLVP2102
SCAS881C – AUGUST 2009 – REVISED JANUARY 2016
www.ti.com
6.10 Timing Requirements, at VCC = 3 V to 3.6 V
Refer to Figure 1 and Figure 2.
MIN
NOM
MAX
UNIT
VIN, DIFF, PP = 0.1 V
450
tPD
Propagation delay
ps
VIN, DIFF, PP = 0.3 V
450
tSK,PP
Part-to-part skew
100
ps
tSK,O_WB
Within bank output skew
10
ps
tSK,O_BB
Bank-to-bank output skew
Both inputs have equal skew
15
ps
Crossing-point-to-crossing-point
tSK,P
Pulse skew (with 50% duty cycle input)
–50
50
ps
distortion, fOUT = 100 MHz
fOUT = 100 MHz,
(1) V
IN,SE = VCC,
0.081
ps, RMS
Vth = 1.65 V, 10 kHz to 20 MHz
fOUT = 100 MHz,
(1) V
IN,SE = 0.9 V,
0.097
ps, RMS
Vth = 1.1 V, 10 kHz to 20 MHz
fOUT = 2 GHz, VIN,DIFF,PP = 0.2 V,
0.05
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 100 MHz,
(1) V
IN,DIFF,PP =
0.15 V,
0.098
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 100 MHz,
(1) V
IN,DIFF,PP = 1 V,
0.095
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 =
0.15 V,
Random additive jitter (with 50% duty cycle
–55.3
dBc
tRJIT
VICM, 0 = 1 V, fOUT, 7 = 62.5 MHz,
input)
VIN,SE,1 = VCC, Vth, 1 = VCC/2
fOUT = 100 MHz
(2), Input AC-
coupled,
0.068
ps, RMS
VICM = VAC_REF, 12 kHz to 20 MHz
fOUT = 122.88 MHz
(3), Input AC-
coupled,
0.056
ps, RMS
VICM = VAC_REF, 12 kHz to 20 MHz
fOUT = 156.25 MHz
(4), Input AC-
coupled,
0.047
ps, RMS
VICM = VAC_REF, 12 kHz to 20 MHz
fOUT = 312.5 MHz
(5), Input AC-
coupled,
0.026
ps, RMS
VICM = VAC_REF, 12 kHz to 20 MHz
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 =
0.15 V,
–65.1
VICM, 0 = 1 V, fOUT, 7 = 62.5 MHz,
VIN,SIFF,PP,1 = 1 V, VICM, 1 = 1 V
Coupling on differential OUT8 from OUT7 in
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 =
the frequency spectrum
0.15 V,
PSPUR
–54.7
dBc
of fOUT, 8 ±(fOUT, 8/2) with
VICM, 0 = 1 V, fOUT, 7 = 15.625 MHz,
synchronous inputs
VIN,SE,1 = VCC, Vth, 1 = VCC/2
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 =
0.15 V,
–66.7
VICM, 0 = 1 V, fOUT, 7 = 15.625 MHz,
VIN,DIFF,PP,1 = 1 V, VICM, 1 = 1 V
tR/tF
Output rise/fall time
20% to 80%
200
ps
(1)
100-MHz Wenzel oscillator, Input slew rate = 0.9 V/ns (single-ended)
(2)
100-MHz Wenzel oscillator, Input slew rate = 3.4 V/ns (differential)
(3)
122.88-MHz Rohde & Schwarz SMA100A, Input slew rate = 3.7 V/ns (differential)
(4)
156.25-MHz Crystek CPRO33 oscillator, Input slew rate = 2.9 V/ns (differential)
(5)
312.5-MHz Rohde & Schwarz SMA100A, Input slew rate = 4 V/ns (differential)
8
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com