Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP2102 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCLVP2102
Description  CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCLVP2102 Datasheet HTML 5Page - Texas Instruments CDCLVP2102 Datasheet HTML 6Page - Texas Instruments CDCLVP2102 Datasheet HTML 7Page - Texas Instruments CDCLVP2102 Datasheet HTML 8Page - Texas Instruments CDCLVP2102 Datasheet HTML 9Page - Texas Instruments CDCLVP2102 Datasheet HTML 10Page - Texas Instruments CDCLVP2102 Datasheet HTML 11Page - Texas Instruments CDCLVP2102 Datasheet HTML 12Page - Texas Instruments CDCLVP2102 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
t
PLH2
t
PLH0
t
PLH0
t
PLH1
t
PLH1
t
PLH2
INPx
INNx
OUTP0
OUTN0
OUTP1
OUTN1
OUTP2
OUTN2
OUTP3
OUTN3
t
PLH3
t
PLH3
80%
20%
0V
t
R
t
F
OUTPx
OUTNx
V
OH
V
OL
V
OUT,DIFF,PP (=2
VOD)
´
VOD
CDCLVP2102
www.ti.com
SCAS881C – AUGUST 2009 – REVISED JANUARY 2016
Figure 1 shows the output voltage and rise/fall time. Output and part-to-part skew are shown in Figure 2.
Figure 1. Output Voltage and Rise/Fall Time
(1)
Output skew is calculated as the greater of the following: As the difference between the fastest and the slowest tPLHn
(n = 0, 1, 2, 3), or as the difference between the fastest and the slowest tPHLn (n = 0, 1, 2, 3).
(2)
Part-to-part skew is calculated as the greater of the following: As the difference between the fastest and the slowest
tPLHn (n = 0, 1, 2, 3) across multiple devices, or the difference between the fastest and the slowest tPHLn (n = 0, 1, 2,
3) across multiple devices.
Figure 2. Output and Part-to-Part Skew
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com