Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP2104 Datasheet(PDF) 21 Page - Texas Instruments

Part # CDCLVP2104
Description  CDCLVP2104 Eight-LVPECL Output, High-Performance Clock Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP2104 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCLVP2104 Datasheet HTML 17Page - Texas Instruments CDCLVP2104 Datasheet HTML 18Page - Texas Instruments CDCLVP2104 Datasheet HTML 19Page - Texas Instruments CDCLVP2104 Datasheet HTML 20Page - Texas Instruments CDCLVP2104 Datasheet HTML 21Page - Texas Instruments CDCLVP2104 Datasheet HTML 22Page - Texas Instruments CDCLVP2104 Datasheet HTML 23Page - Texas Instruments CDCLVP2104 Datasheet HTML 24Page - Texas Instruments CDCLVP2104 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Board
Supply
Chip
Supply
C
10 F
m
C
1 F
m
C
0.1 F(x6)
m
FerriteBead
V
CC
CDCLVP2104
www.ti.com
SCAS889B – OCTOBER 2009 – REVISED JANUARY 2016
10 Power Supply Recommendations
10.1 Power-Supply Filtering
High-performance clock buffers are sensitive to noise on the power supply, which can dramatically increase the
additive jitter of the buffer. Thus, it is essential to reduce noise from the system power supply, especially when
jitter/phase noise is very critical to applications.
Filter capacitors are used to eliminate the low-frequency noise from the power supply, where the bypass
capacitors provide the very low impedance path for high-frequency noise and guard the power-supply system
against the induced fluctuations. These bypass capacitors also provide instantaneous current surges as required
by the device and must have low equivalent series resistance (ESR). To properly use the bypass capacitors, they
must be placed very close to the power-supply pins and laid out with short loops to minimize inductance. TI
recommends adding as many high-frequency (for example, 0.1-
μF) bypass capacitors as there are supply pins in
the package. TI recommends, but does not require, inserting a ferrite bead between the board power supply and
the chip power supply that isolates the high-frequency switching noises generated by the clock driver; these
beads prevent the switching noise from leaking into the board supply. Choose an appropriate ferrite bead with
very low DC resistance because it is imperative to provide adequate isolation between the board supply and the
chip supply, as well as to maintain a voltage at the supply pins that is greater than the minimum voltage required
for proper operation.
Figure 23 shows this recommended power-supply decoupling method.
Figure 23. Power-Supply Decoupling
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: CDCLVP2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com