Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP2104 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCLVP2104
Description  CDCLVP2104 Eight-LVPECL Output, High-Performance Clock Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP2104 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVP2104 Datasheet HTML 1Page - Texas Instruments CDCLVP2104 Datasheet HTML 2Page - Texas Instruments CDCLVP2104 Datasheet HTML 3Page - Texas Instruments CDCLVP2104 Datasheet HTML 4Page - Texas Instruments CDCLVP2104 Datasheet HTML 5Page - Texas Instruments CDCLVP2104 Datasheet HTML 6Page - Texas Instruments CDCLVP2104 Datasheet HTML 7Page - Texas Instruments CDCLVP2104 Datasheet HTML 8Page - Texas Instruments CDCLVP2104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
OUTP4
OUTN4
OUTP5
OUTN5
OUTP6
OUTN6
8
9
10
11
12
14
13
22
23
24
25
26
27
28
V
CC
V
CC
V
AC_REF0
ThermalPad
(1)
CDCLVP2104
INP0
INN0
OUTP0
OUTN0
GND
CDCLVP2104
SCAS889B – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
5 Pin Configuration and Functions
RHD Package
28-Pin VQFN
Top View
(1)
Thermal pad must be soldered to ground.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
1, 14
Ground
Device grounds
INP0, INN0
9, 10
Input
Differential input pair or single-ended input no. 0
INP1, INN1
5, 6
Input
Differential input pair or single-ended input no. 1
OUTP0 OUTN0
12, 13
Output
Differential LVPECL output pair no. 0
OUTP1, OUTN1
16, 17
Output
Differential LVPECL output pair no. 1
OUTP2, OUTN2
18, 19
Output
Differential LVPECL output pair no. 2
OUTP3, OUTN3
20, 21
Output
Differential LVPECL output pair no. 3
OUTP4, OUTN4
22, 23
Output
Differential LVPECL output pair no. 4
OUTP5, OUTN5
24, 25
Output
Differential LVPECL output pair no. 5
OUTP6, OUTN6
26, 27
Output
Differential LVPECL output pair no. 6
OUTP7, OUTN7
2, 3
Output
Differential LVPECL output pair no. 7
Bias voltage output for capacitive coupled input pair no. 0. Do not use VAC_REF at VCC < 3
VAC_REF0
11
Output
V. If used, TI recommends using a 0.1-
μF capacitor to GND on this pin. The output
current is limited to 2 mA.
Bias voltage output for capacitive coupled input pair no. 1. Do not use VAC_REF at VCC < 3
VAC_REF1
7
Output
V. If used, TI recommends using a 0.1-
μF capacitor to GND on this pin. The output
current is limited to 2 mA.
VCC
8, 15, 28
Power
2.5- or 3.3-V supplies for the device
NC
4
—
Do not connect
4
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCLVP2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com