Electronic Components Datasheet Search
  English  ▼

X  

CSD95410 Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD95410
Description  CSD95410 Synchronous Buck NexFET™ Smart Power Stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95410 Datasheet(HTML) 5 Page - Texas Instruments

  CSD95410 Datasheet HTML 1Page - Texas Instruments CSD95410 Datasheet HTML 2Page - Texas Instruments CSD95410 Datasheet HTML 3Page - Texas Instruments CSD95410 Datasheet HTML 4Page - Texas Instruments CSD95410 Datasheet HTML 5Page - Texas Instruments CSD95410 Datasheet HTML 6Page - Texas Instruments CSD95410 Datasheet HTML 7Page - Texas Instruments CSD95410 Datasheet HTML 8Page - Texas Instruments CSD95410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
6.2 Recommended PCB Land Pattern
www.ti.com
EXAMPLE BOARD LAYOUT
.000 PKG
0
3X (
)
1.275
(
)
0.5
(
)
2.05
(
)
0.375
(
)
2.9
3X (
)
0.3
5X (
)
1.15
5X ( )
2
(
)
2.6
(
) TYP
3.2
(
)
0.025
(
)
2.2
(
)
0.8
(
)
0.4
(
)
0.1
(
)
0.3
(
)
2.25
16X (0.6)
16X (0.25)
14X (0.45)
19X (0.45)
(
)
1.05
(
)
2.05
(
) TYP
2.75
23X (0.25)
(R0.05) TYP
(0.05) MIN
TYP
(
0.2) VIA
TYP
(R0.05) TYP
VQFN-CLIP - 1.05 mm max height
RRB0041A
PLASTIC QUAD FLATPACK - NO LEAD
4224073/A 03/2018
NOTES: (continued)
4. This package is designed to be soldered to thermal pads on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
7
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE: 20X
PKG
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
OPENING, TYP
1
6
9
10
19
20
24
25
29
30
39
40
41
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This package is designed to be soldered to thermal pads on the board. For more information, see QFN/SON
PCB Attachment (SLUA271).
www.ti.com
CSD95410RRB
SLPS723 – SEPTEMBER 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CSD95410RRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com