Electronic Components Datasheet Search
  English  ▼

X  

CSD95410 Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD95410
Description  CSD95410 Synchronous Buck NexFET™ Smart Power Stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95410 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD95410 Datasheet HTML 3Page - Texas Instruments CSD95410 Datasheet HTML 4Page - Texas Instruments CSD95410 Datasheet HTML 5Page - Texas Instruments CSD95410 Datasheet HTML 6Page - Texas Instruments CSD95410 Datasheet HTML 7Page - Texas Instruments CSD95410 Datasheet HTML 8Page - Texas Instruments CSD95410 Datasheet HTML 9Page - Texas Instruments CSD95410 Datasheet HTML 10Page - Texas Instruments CSD95410 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
6.4 Alternate Industry Standard Compatible PCB Land Pattern
www.ti.com
EXAMPLE BOARD LAYOUT
.000 PKG
0
(
)
2.9
(
)
2.25
(
)
2.05
(
)
1.275
(
)
0.5
(
)
0.3
(
)
0.3
5X (
)
1.15
5X ( )
2
(
)
2.6
(
) TYP
3.2
(
)
0.025
(
)
2.2
(
)
0.8
(
)
0.4
(
)
0.1
(
)
0.3
(
)
2.25
16X (0.6)
16X (0.25)
14X (0.45)
19X (0.45)
(
)
1.05
(
)
2.05
(
)
2.175
(
) TYP
2.75
20X (0.25)
(R0.05) TYP
(0.05) MIN
TYP
(
0.2) VIA
TYP
VQFN-CLIP - 1.05 mm max height
RWJ0041A
PLASTIC QUAD FLATPACK - NO LEAD
4221590/D 04/2019
NOTES: (continued)
4. This package is designed to be soldered to thermal pads on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
7
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE: 20X
PKG
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
OPENING, TYP
1
6
9
10
19
20
24
25
29
30
39
40
41
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.
www.ti.com
CSD95410RRB
SLPS723 – SEPTEMBER 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CSD95410RRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com