Electronic Components Datasheet Search
  English  ▼

X  

DAC6574 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC6574
Description  QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC6574 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC6574 Datasheet HTML 3Page - Texas Instruments DAC6574 Datasheet HTML 4Page - Texas Instruments DAC6574 Datasheet HTML 5Page - Texas Instruments DAC6574 Datasheet HTML 6Page - Texas Instruments DAC6574 Datasheet HTML 7Page - Texas Instruments DAC6574 Datasheet HTML 8Page - Texas Instruments DAC6574 Datasheet HTML 9Page - Texas Instruments DAC6574 Datasheet HTML 10Page - Texas Instruments DAC6574 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
5
10
15
20
−40
−10
20
50
80
TA − Free−Air Temperature − °C
VDD = 5 V
CH A
CH B
CH C
CH D
0
5
10
15
−40
−10
20
50
80
TA − Free−Air Temperature − °C
VDD = 2.7 V
CH A
CH B
CH C
CH D
0
5
10
15
20
25
30
−40
−10
20
50
80
CH A
CH B
CH D
TA − Free−Air Temperature − °C
VDD = 5 V
CH C
0
5
10
15
20
−40
−10
20
50
80
TA − Free−Air Temperature − °C
VDD = 2.7 V
CH A
CH B
CH C
CH D
0.000
0.025
0.050
0.075
0.100
0.125
0.150
0
1
2
3
4
5
ISINK − Sink Current − mA
VDD = 2.7 V
VDD = 5.5 V
DAC Loaded With 000H
Typical For All Channels
5.30
5.35
5.40
5.45
5.50
0
1
2
3
4
5
ISOURCE − Source Current − mA
DAC Loaded With CFFH
VDD = 5.5 V
Typical For All Channels
DAC6574
SLAS408 – DECEMBER 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
ZERO-SCALE ERROR
ZERO-SCALE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 9.
Figure 10.
FULL-SCALE ERROR
FULL-SCALE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 11.
Figure 12.
SINK CURRENT CAPABILITY
SOURCE CURRENT CAPABILITY
AT NEGATIVE RAIL
AT POSITIVE RAIL
Figure 13.
Figure 14.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com