Electronic Components Datasheet Search
  English  ▼

X  

DAC6574 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC6574
Description  QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC6574 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC6574 Datasheet HTML 5Page - Texas Instruments DAC6574 Datasheet HTML 6Page - Texas Instruments DAC6574 Datasheet HTML 7Page - Texas Instruments DAC6574 Datasheet HTML 8Page - Texas Instruments DAC6574 Datasheet HTML 9Page - Texas Instruments DAC6574 Datasheet HTML 10Page - Texas Instruments DAC6574 Datasheet HTML 11Page - Texas Instruments DAC6574 Datasheet HTML 12Page - Texas Instruments DAC6574 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
−1
0
1
2
3
4
5
6
Time (2
µs/div)
VDD = 5 V
Powerup to Code 1000
IDD − Current Consumption − µA
0
500
1000
1500
2000
400 420 440 460 480 500 520 540 560 580 600 620
VDD = 2.7 V
0
1
2
3
4
5
Time (25
µs/div)
VDD = 5 V
Output Loaded with
200 pF to GND
10% to 90% FSR
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (25
µs/div)
VDD = 2.7 V
Output Loaded with
200 pF to GND
10% to 90% FSR
−6
−2
2
6
10
14
18
0
128
256
384
512
640
768
896
1023
Channel A Output
Channel B Output
VDD = 2.7 V, TA = 25°C
Digital Input Code
Channel D Output
Channel C Output
0
4
8
12
16
20
24
0
128
256
384
512
640
768
896
1023
Channel A Output
Channel D Output
Channel B Output
Channel B Output
VDD = 5 V, TA = 25°C
Digital Input Code
DAC6574
SLAS408 – DECEMBER 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
HISTOGRAM
EXITING
OF CURRENT CONSUMPTION
POWER-DOWN MODE
Figure 21.
Figure 22.
LARGE SIGNAL
LARGE SIGNAL
SETTLING TIME
SETTLING TIME
Figure 23.
Figure 24.
ABSOLUTE ERROR†
ABSOLUTE ERROR†
Figure 25.
Figure 26.
†Absolute error is the deviation from ideal DAC characteristics. It includes affects of offset, gain, and integral
linearity.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com