Electronic Components Datasheet Search
  English  ▼

X  

DRV604PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV604PWPR
Description  DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604PWPR Datasheet(HTML) 4 Page - Texas Instruments

  DRV604PWPR Datasheet HTML 1Page - Texas Instruments DRV604PWPR Datasheet HTML 2Page - Texas Instruments DRV604PWPR Datasheet HTML 3Page - Texas Instruments DRV604PWPR Datasheet HTML 4Page - Texas Instruments DRV604PWPR Datasheet HTML 5Page - Texas Instruments DRV604PWPR Datasheet HTML 6Page - Texas Instruments DRV604PWPR Datasheet HTML 7Page - Texas Instruments DRV604PWPR Datasheet HTML 8Page - Texas Instruments DRV604PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DRV604
SLOS659A – JANUARY 2010 – REVISED APRIL 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
DRV604PWP
UNIT
PVDD to GND
–0.3 to 4.5
V
Input voltage, VI
PVSS–0.3 to PVDD+0.3
V
Minimum load impedance – line outputs
1000
Ω
Minimum load impedance – headphone outputs
8
Ω
EN_LD to GND
–0.3 to PVDD+0.3
V
EN_HP to GND
–0.3 to PVDD+0.3
V
Maximum operating junction temperature range, TJ
–40 to 150
°C
Storage temperature
–40 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
(1)
PACKAGE
RqJP(°C/W)
RqJA(°C/W)
RyJT(°C/W)
DRV604PWP
0.72
28
0.45
(1)
PowerPAD soldered to TI recommended board.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
PVDD
Power supply
DC supply voltage
3.0
3.3
3.7
V
RL (HP)
32
32
Ω
Load impedance
RL (LD)
5
10
k
Ω
VIL
Low level input voltage
EN_LD, EN_HP
38
40
43
%PVDD
VIH
High level input voltage
EN_LD, EN_HP
57
60
66
%PVDD
TA
Free-air temperature
–40
25
85
°C
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com