Electronic Components Datasheet Search
  English  ▼

X  

1KFS02 Datasheet(PDF) 1 Page - Storm Interface

Part # 1KFS02
Description  VR & GFX ILLUMINATOR KEY PADS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STORMINTERFACE [Storm Interface]
Direct Link  https://www.storm-interface.com/
Logo STORMINTERFACE - Storm Interface

1KFS02 Datasheet(HTML) 1 Page - Storm Interface

  1KFS02 Datasheet HTML 1Page - Storm Interface 1KFS02 Datasheet HTML 2Page - Storm Interface  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1097654321
(As viewed from rear of keypad)
A
B
C
D
KEY LOCATION
(As viewed from front of keypad)
plied)
ingress)
Sealing
Gasket
(Not supplied with
4000 series)
Panel Cut-out
Details for Under
Panel Mounting
25.50
(4Key)
64.00
(12
Key)
83.00
(16
Key)
82.50
83.00
R 3.75
74.00
(12
Key)
93.00
(16
Key)
93.00
(4, 12
& 16
Key)
h
CONTACT CONNECTIONS
••••••••
8 7 6 5 4 3 2 1
(As viewed from rear of keypad)
Connection Details
for 12 Key Keypad
•••••
5 4 3 2 1
1
A
CONTACT CONNECTIONS
(As viewed from rear of keypad)
Connection Details
for 4 Key Keypad
CONNEC.
PIN
ROW/
COLUMN
CONTACT
MATRIX
Panel Cut-out
Details for Top
Panel Mounting
(12
Key)
(16
Key)
Countersunk Fixing Screws (Not Supplied)
(Threads must be sealed to prevent water ingress)
Ø 4.5
(12
Key)
(16
Key)
Pane
Detai
Pane
25.5
64
Sealing
Gasket
(Not supplied with
4000 series)
MOUNTING & CONNECTION DETAILS
VR & GFX ILLUMINATOR KEY PADS
Connection Details
for 4 Key Keypad
CONTACT CONNECTIONS
7654321
(As viewed from rear of keypad)
A
B
C
D
KEY LOCATION
(As viewed from front of keypad)
1
2
3
1
2
CONNECT
PIN
1
2
3
4
5
6
7
ROW/
COLUMN
R-Anode
W/G-Cathode
common
D
C
B
A
R-Cathode
W/G-Anode
Connection Details
for 12 Key Keypad
CONTACT CONNECTIONS
Connection Details
for 16 Key Keypad
CONTACT CONNECTIONS
1097654321
(As viewed from rear of keypad)
A
B
C
D
KEY LOCATION
(As viewed from front of keypad)
1
3
4
CONTACT
MATRIX
CONNECT
PIN
1
2
3
4
5
6
7
8
9
10
ROW/
COLUMN
R-Anode
W/G-Cathode
A
B
1
2
3
-
D
C
R-Cathode
W/G-Anode
CONTACT
MATRIX
CONNECT
PIN
1
2
3
4
5
6
7
8
9
10
ROW/
COLUMN
R-Anode
W/G-Cathode
A
B
1
2
3
4
D
C
R-Cathode
W/G-Anode
CONTACT
MATRIX
Item
Universal Encoder
Rear Casing
Providing space for additional components
or circuitry (12 key formats only)
Blank Keytops (Storm 1000 Series) set of four
Privacy Shroud Provides PIN / Entry Code security
(12 Key format only)
Stock No. Notes
400000
Keypad Interface. PC/RS232
RC1202
Supplied complete with fixing hardware,
sealing gaskets and fixing instructions
1K0000
Supplied without keytop graphics.
Suitable for engraving
1KFS02
Supplied complete with fixing hardware,
sealing gaskets and fixing instructions
All dimensions in
millimetres (mm).
Full product
specifications are
available on request from
your local Storm supplier.
Storm keypads
incorporate key switch
technology protected by
International Patents.
February 2000
Whilst every effort is
made to ensure details
are correct at time of
print, specifications are
subject to change
without notice.
FM 39602
003
uk office:
keymat technology ltd
14 bentinck court
bentinck road
west drayton
middlesex ub7 7rq
tel: +44 (0)1895 431421
fax: +44 (0)1895 431132
email: sales@keymat.com
website: www.keymat.com
Storm is a trademark of Keymat Technology Ltd
usa office:
storm data entry technology
suite 202
364 pennsylvania avenue
glen ellyn IL 60137 USA
tel: (630) 469 2981
fax: (630) 469 2975
email: sales.usa@storm-keypads.com
website: www.storm-keypads.com
102-XX-08KT – Iss2
Description
Order Code
4 Keypad - cursor
IKL041101
4 Keypad - cursor
IKL041103
4 Keypad - Function
IKL042101
4 Keypad - Function
IKL042103
12 Keypad - Calculator
IKL120101
12 Keypad - Calculator
IKL120103
Description
Order Code
12 Keypad - Standard
IKL12T101
12 Keypad - Standard
IKL12T103
16 Keypad - Calculator
IKL160101
16 Keypad - Calculator
IKL160101
16 Keypad - Standard
IKL16T101
16 Keypad - Standard
IKL16T103
VR-Illuminator Keypads
Description
Order Code
4 Keypad
GSLW040201
4 Keypad
GSLW040203
12 Keypad
GSLW120201
12 Keypad
GSLW120203
16 Keypad
GSLW160201
16 Keypad
GSLW160203
Description
Order Code
4 Keypad
GSRG040201
4 Keypad
GSRG040203
12 Keypad
GSRG120201
12 Keypad
GSRG120203
16 Keypad
GSRG160201
16 Keypad
GSRG160203
GFX-Illuminator Keypads
Red, Green Lights
White Lights
Graphic Keytop Accessories
Enables custom configuration of keytop graphics and colour
Set A: 0 - 9,
*, #, +, , ÷, =, ., X, AC, I/O, ENT, CE/C, SP.
Set B:
ENT, PRINT, DEL, INS, CAP, ESC, CTRL, ALT, ON, OFF,
\, /, LOCK, ,
, , $£, :, ;,
,
, .,
, SP.
Set D: FI TO F12, £, $, ?, !, (, ), @, <, >, Fn, ", ', %, &, SP.
Set F: 0 - 9,
A - F, CE/C, ENT, OFF, *, #, +, -, ., blank, SP.
Set C: "A TO Z"
Set E: Blank
Set J: French symbols
Set K: German symbols
1 pair for 4 key keypad, 2 pairs for 12/16 key keypads & 3 pairs for 36 key keypad.
ACCESSORIES FOR USE WITH STORM
ILLUMINATOR RANGE KEYPADS


Similar Part No. - 1KFS02

ManufacturerPart #DatasheetDescription
logo
Storm Interface
1KFS020 STORMINTERFACE-1KFS020 Datasheet
453Kb / 2P
2000 Series tough impact resistant keypads
July 2007 Rev 3
1KFS020 STORMINTERFACE-1KFS020 Datasheet
4Mb / 2P
The practical alternative to keys
Jan 2014
More results

Similar Description - 1KFS02

ManufacturerPart #DatasheetDescription
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
FLASH VR CONTROLLER
logo
LUMEX INC.
SSB-LX02IC LUMEX-SSB-LX02IC Datasheet
83Kb / 1P
2 Chip LCD Illuminator
SSB-LX02SRC LUMEX-SSB-LX02SRC_17 Datasheet
86Kb / 1P
2 Chip LCD Illuminator
logo
OEN India Limited
04-MP750X OENINDIA-04-MP750X Datasheet
51Kb / 1P
Nylon Mounting Pads
logo
Golledge Electronics Lt...
MCSO1ESW GOLLEDGE-MCSO1ESW Datasheet
552Kb / 4P
Optional tinned pads
MCSO1ESV GOLLEDGE-MCSO1ESV Datasheet
552Kb / 4P
Optional tinned pads
MCSO1ESHW GOLLEDGE-MCSO1ESHW Datasheet
548Kb / 4P
Optional tinned pads
MCSO1ESH GOLLEDGE-MCSO1ESH Datasheet
548Kb / 4P
Optional tinned pads
logo
List of Unclassifed Man...
OTFI-0100 ETC2-OTFI-0100 Datasheet
263Kb / 4P
LED Fiber Optic Illuminator
logo
Aven, Inc.
26200A-310 AVEN-26200A-310 Datasheet
653Kb / 1P
Fiber Optic Illuminator 20W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com