Electronic Components Datasheet Search
  English  ▼

X  

1KFS02 Datasheet(PDF) 2 Page - Storm Interface

Part # 1KFS02
Description  VR & GFX ILLUMINATOR KEY PADS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STORMINTERFACE [Storm Interface]
Direct Link  https://www.storm-interface.com/
Logo STORMINTERFACE - Storm Interface

1KFS02 Datasheet(HTML) 2 Page - Storm Interface

  1KFS02 Datasheet HTML 1Page - Storm Interface 1KFS02 Datasheet HTML 2Page - Storm Interface  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
34567
89
02
*
#
+
––
=
CE/E
ENT
AC
I/O
X
F8
F7
F6
F9
F10
F3
F2
FI
F4
F5
£
F12
F11
$?
!(
)
@
<
>Fn
’
%
&
’’
,
ENT
PRINT
DEL
INS
CAP
ESC
CTRL
ALT
ON
OFF
/\
LOCK
,
$
£
.,
,
..
7
6
58
9
2
1
03
4
C
B
AD
E
F
*
#
+
–
CE/E
ENT
OFF
H
G
FI
J
C
B
AD
E
M
L
KN
O
R
Q
PS
T
W
V
UX
Y
Z
Legend Tile Character Library
Keytop legend character options for STORM Graphic Series keypads
GRAPHIC SERIES
Coloured Tile
Transparent
Legend Tile
Transparent
Key Cap
Key Base
Graphic Series keypads are supplied
with the key bases fitted. Each key
position can be customised without
dismantling the keypad. Keytop
legend options can be selected from
a library of standard symbols,
characters or background colours.
Alternatively, customised keytop
graphics can be created using laser
printed acetate film or screen printed
polymer film. The total thickness of
the coloured tile and legend tile
should not exceed 0.4mm.
(Please
note, paper is not recommended as
the printed graphics may degrade if
exposed to moisture / condensation.)
1 Orientate the keypad correctly by
checking the connector position on
the underside of the keypad.
2 Load each key position in turn.
First locate the legend tile into the
transparent key cap, then locate
the coloured tile (see diagram).
Before snapping the transparent
key cap, including legend and
customer tile, into position
ensure that the legend tile’s
position, orientation and
alignment are correct.
Please note, if it is necessary to
remove the transparent key cap a
suitable tool or pliers should be used.
Once removed the key cap should
not be re-used; spare key caps and
bases are available in sets of 4,
part number GS0000.
Keytop Assembly Instructions
t
m
r
o
®
GFX-LEG1-01
Issue 1 – Jun 98
Whilst every effort is made to ensure details are correct at time of production, specifications are subject to change without notice.
Fonts & character sizes may differ from those shown.
FM 39602
Set A
Black Characters
Transparent Background
Part No. GSA0T20
Set D
Black Characters
Transparent Background
Part No. GSD0T20
Set B
Black Characters
Transparent Background
Part No. GSB0T20
Set F
Black Characters
Transparent Background
Part No. GSF0T20
Set C
Black Characters
Transparent Background
Part No. GSC0T20
Colour Tile Sets
Set 2 Opaque Grey Part No. GS20T20
Set 1 Opaque White Part No. GS10T20
Set 3 Opaque Red
Part No. GS30T20
Set 4 Opaque Green Part No. GS40T20
Set 5 Opaque Blue Part No. GS50T20
Set 6 Opaque Yellow Part No. GS60T20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com