Electronic Components Datasheet Search
  English  ▼

X  

TLP620 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP620
Description  Programmable Controllers AC / DC−Input Module Telecommunication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP620 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP620 Datasheet HTML 1Page - Toshiba Semiconductor TLP620 Datasheet HTML 2Page - Toshiba Semiconductor TLP620 Datasheet HTML 3Page - Toshiba Semiconductor TLP620 Datasheet HTML 4Page - Toshiba Semiconductor TLP620 Datasheet HTML 5Page - Toshiba Semiconductor TLP620 Datasheet HTML 6Page - Toshiba Semiconductor TLP620 Datasheet HTML 7Page - Toshiba Semiconductor TLP620 Datasheet HTML 8Page - Toshiba Semiconductor TLP620 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLP620,TLP620−2,TLP620−4
2002-09-25
3
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
―
5
24
V
Forward current
IF (RMS)
―
16
20
mA
Collector current
IC
―
1
10
mA
Operating temperature
Topr
-25
―
85
°C
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = ±10mA
1.0
1.15
1.3
V
Foward current
IF
VF = ±0.7V
―
2.5
20
µA
Capacitance
CT
V = 0, f = 1MHz
―
60
―
pF
Collector
-emitter
breakdown voltage
V (BR) CEO
IC = 0.5mA
55
―
―
V
Emitter
-collector
breakdown voltage
V (BR) ECO
IE = 0.1mA
7
―
―
V
VCE = 24V
―
10
100
nA
Collector dark current
ICEO
VCE = 24V, Ta = 85°C
―
2
50
µA
Capacitance
(collector to emitter)
CCE
VCE = 0, f = 1MHz
―
10
―
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
50
―
600
Current transfer ratio
IC / IF
IF = ±5mA, VCE = 5V
Rank GB
100
―
600
%
―
60
―
Saturated CTR
IC / IF (sat)
IF = ±1mA, VCE = 0.4V
Rank GB
30
―
―
%
IC = 2.4mA, IF = ±8mA
―
―
0.4
―
0.2
―
Collector
-emitter saturation
voltage
VCE (sat)
IC = 0.2 mA, IF = ±1 mA
Rank GB
―
―
0.4
V
Off
-state collector current
IC (off)
VF = ± 0.7V, VCE = 24V
―
1
10
µA
CTR symmetry
IC (ratio)
IC (IF = -5mA) / IC (IF = +5mA)
0.33
1
3
―



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com