Electronic Components Datasheet Search
  English  ▼

X  

TLP620 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP620
Description  Programmable Controllers AC / DC−Input Module Telecommunication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP620 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP620 Datasheet HTML 1Page - Toshiba Semiconductor TLP620 Datasheet HTML 2Page - Toshiba Semiconductor TLP620 Datasheet HTML 3Page - Toshiba Semiconductor TLP620 Datasheet HTML 4Page - Toshiba Semiconductor TLP620 Datasheet HTML 5Page - Toshiba Semiconductor TLP620 Datasheet HTML 6Page - Toshiba Semiconductor TLP620 Datasheet HTML 7Page - Toshiba Semiconductor TLP620 Datasheet HTML 8Page - Toshiba Semiconductor TLP620 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP620,TLP620−2,TLP620−4
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP620, TLP620−2, TLP620−4
Programmable Controllers
AC / DC−Input Module
Telecommunication
The TOSHIBA TLP620, −2 and −4 consists of a photo−transistor
optically coupled to two gallium arsenide infrared emitting diode
connected in inverse parallel.
The TLP620−2 offers two isolated channels in an eight lead plastic DIP,
while the TLP620−4 provides four isolated channels in a sixteen plastic
DIP.
· Collector−emitter voltage: 55V (min.)
· Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
Pin Configurations (top view)
TLP620
1
2
4
3
1 : ANODE
CATHODE
2 : CATHODE
ANODE
3 : EMITTER
4 : COLLECTOR
1
2
4
3
5
6
7
8
TLP620-2
1, 3 : ANODE
CATHODE
2, 4 : CATHODE
ANODE
5, 7 : EMITTER
6, 8 : COLLECTOR
TLP620-4
1
2
4
3
5
6
7
8
9
10
11
12
13
14
15
16
1, 3, 5, 7
: ANODE, CATHODE
2, 4, 6, 8
: CATHODE, ANODE
9, 11, 13, 15
: EMITTER
10, 12, 14, 16 : COLLECTOR
TOSHIBA
11
−5B2
Weight: 0.26 g
TOSHIBA
11
−10C4
Weight: 0.54 g
TOSHIBA
11
−20A3
Weight: 1.1 g
Unit in mm


Similar Part No. - TLP620

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
ISOCOM COMPONENTS
TLP620 ISOCOM-TLP620 Datasheet
75Kb / 3P
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620 Datasheet
267Kb / 9P
Programmable Controllers
logo
ISOCOM COMPONENTS
TLP620 ISOCOM-TLP620 Datasheet
99Kb / 3P
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620 Datasheet
234Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
More results

Similar Description - TLP620

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
Programmable Controllers AC / DC.Input Module Telecommunication
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
Programmable Controllers AC / DC.Input Module Telecommunication
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
Programmable Controllers AC DC-Input Module Telecommunication
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624BV TOSHIBA-TLP624BV Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com