Electronic Components Datasheet Search
  English  ▼

X  

C600 Datasheet(PDF) 1 Page - Delkin Devices.

Part # C600
Description  C600 CompactFlash
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELKINDEVICES [Delkin Devices.]
Direct Link  https://www.delkindevices.com/
Logo DELKINDEVICES - Delkin Devices.

C600 Datasheet(HTML) 1 Page - Delkin Devices.

  C600 Datasheet HTML 1Page - Delkin Devices. C600 Datasheet HTML 2Page - Delkin Devices. C600 Datasheet HTML 3Page - Delkin Devices. C600 Datasheet HTML 4Page - Delkin Devices.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2/9/2021
C600 CompactFlash| Delkin Devices
https://www.delkin.com/products/industrial-cf/c600/
1/4
Product Highlights
CF 4.1 / 5.0 Compliant, Type I (3.3mm) Standards
Supports UDMA 6, PIO6 & MDMA6 in True-IDE Mode
128MB to 64GB in SLC Flash
-40 to 85°C Operating Temp
Read / Write Speeds up to 65/50 MB/s*
*Capacity Dependent
C600 CompactFlash
C600 Series CompactFlash Product Description
Delkin’s UDMA 6 CompactFlash cards utilize the latest industrial controller technology to provide the most extensive power
interruption and read disturb management available, thereby delivering the ultimate protection for critical data. The UDMA 6 cards are
built with high endurance Single Level Cell (SLC) flash, which is ideal for storing mission critical data or write-intensive applications
that will be exposed to extreme temperatures. Additionally, the UDMA 6 CompactFlash cards support SMART for monitoring P/E
cycles, bad blocks and remaining usage of the card, in order to pre-emptively replace a card prior to end of life.
Delkin controls bills of materials down to the flash, controller and firmware version, so once a part number is qualified, the same
configuration will be delivered until its EOL date. And recognizing the value of strong life cycle management, Delkin provides advance
notification when a part must eventually be discontinued, offering last time buy opportunities and replacement parts for qualification.
The UDMA 6 CF cards can be customized to meet the unique needs of your application – including custom labels, content & image
loading, serialization, conformal coating and custom shock & vibration testing or mechanical adaptations to mitigate severe
environmental conditions. Contact Delkin to find out how we can customize cards to meet your requirements.
Click here to see the other types of CompactFlash cards offered by Delkin, such as the C400 Series CompactFlash,or the C670 Series
Compact Flash.
Industrial CompactFlash C600 Series Part Numbers
Capacity
C600 Series SLC Flash
128MB
CE12TQPF3-FD000-D


Similar Part No. - C600

ManufacturerPart #DatasheetDescription
logo
Powerbox
C600 POWERBOX-C600 Datasheet
501Kb / 1P
500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
MicroPower Direct, LLC
C6000RU MPD-C6000RU Datasheet
320Kb / 2P
Isolated, 60W Ultra-Wide 4:1Input DC/DC Converters
logo
Pulse A Technitrol Comp...
C6001 PULSE-C6001 Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
C6001L PULSE-C6001L Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
logo
MicroPower Direct, LLC
C6001RU MPD-C6001RU Datasheet
320Kb / 2P
Isolated, 60W Ultra-Wide 4:1Input DC/DC Converters
More results

Similar Description - C600

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
CompactFlash Card
logo
Hitachi Semiconductor
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
CompactFlash?
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
CompactFlash?
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
CompactFlash Header
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
CompactFlash??Specification Standard
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
Industrial CompactFlash
3-Jul-2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com