Electronic Components Datasheet Search
  English  ▼

X  

C600 Datasheet(PDF) 3 Page - Delkin Devices.

Part # C600
Description  C600 CompactFlash
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELKINDEVICES [Delkin Devices.]
Direct Link  https://www.delkindevices.com/
Logo DELKINDEVICES - Delkin Devices.

C600 Datasheet(HTML) 3 Page - Delkin Devices.

  C600 Datasheet HTML 1Page - Delkin Devices. C600 Datasheet HTML 2Page - Delkin Devices. C600 Datasheet HTML 3Page - Delkin Devices. C600 Datasheet HTML 4Page - Delkin Devices.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2/9/2021
C600 CompactFlash| Delkin Devices
https://www.delkin.com/products/industrial-cf/c600/
3/4
Capacity
C600 Series SLC Flash
CE32TNKGS-X1000-D
64GB
CE64TNJGS-FD000-D
CE64TNJGS-F1000-D
CE64TNJGS-XX000-D
CE64TNJGS-X1000-D
ORDER ENGINEERING SAMPLE
DOWNLOAD SPEC
ASK A QUESTION
Technical Specifications
Environment
Operating Temp
-40 to +85°C
Storage Temp
-40 to +125°C
Shock
10G, 11msec – Sawtooth Waveform
Vibration
7.7GRMS
20Hz – 1000Hz @ 0.04 G2/Hz
1000Hz – 2000Hz @ 0.01 G2/Hz
1
2
Reliability / Endurance
TBW
SLC: 937 TBW
MLC: N/A
MTBF
> 2 million hours (0 to +25°C)
> 200,000 hours (60°C)
3
Capacity Range
SLC
128MB – 64GB
MLC
N/A
Performance
SLC
Sequential Read up to 65MB/s
Sequential Write up to 50MB/s
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com