Electronic Components Datasheet Search
  English  ▼

X  

ISO224ADWVR Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO224ADWVR
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224ADWVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO224ADWVR Datasheet HTML 3Page - Texas Instruments ISO224ADWVR Datasheet HTML 4Page - Texas Instruments ISO224ADWVR Datasheet HTML 5Page - Texas Instruments ISO224ADWVR Datasheet HTML 6Page - Texas Instruments ISO224ADWVR Datasheet HTML 7Page - Texas Instruments ISO224ADWVR Datasheet HTML 8Page - Texas Instruments ISO224ADWVR Datasheet HTML 9Page - Texas Instruments ISO224ADWVR Datasheet HTML 10Page - Texas Instruments ISO224ADWVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
ISO224
www.ti.com
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.7 Safety-Related Certifications
VDE
UL
Certified according to DIN VDE V 0884-11 (VDE V 0884-11): 2017-01,
DIN EN 60950-1 (VDE 0805 Teil 1): 2014-08,
and DIN EN 60065 (VDE 0860): 2005-11
Recognized under 1577 component recognition and
CSA component acceptance NO 5 programs
Reinforced insulation
Single protection
File number: 40040142
File number: E181974
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power, respectively. Do not exceed the maximum limits of IS and PS. These
limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the Thermal Information table is that of a device installed on a high-K test board for
leaded surface-mount packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum junction temperature.
PS = IS × VDD1max + IS × VDD2max, where VDD1max is the maximum high-side supply voltage and VDD2max is the maximum low-side
supply voltage.
7.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply
current
RθJA = 96.3°C/W, TJ = 150°C, TA = 25°C,
VDD1 = 18 V, VDD2 = 5.5 V, see Figure 2
55
mA
RθJA = 96.3°C/W, TJ = 150°C, TA = 25°C,
VDD1 = VDD2 = 5.5 V, see Figure 2
236
PS
Safety input, output, or total
power
RθJA = 96.3°C/W, TJ = 150°C, TA = 25°C,
see Figure 3
1298(1)
mW
TS
Maximum safety temperature
150
°C
(1)
The typical value includes one sigma statistical variation.
7.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –55°C to +125°C, VDD1 = 4.5 V to 18 V, VDD2 = 4.5 V to 5.5 V, VIN =
–12 V to 12 V, and RLOAD = 10 kΩ; typical specifications are at TA = 25°C, and VDD1 = VDD2 = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
VOS
Input offset voltage(1)
Initial, at TA = 25°C, IN = GND1, ISO224B
–5
±1
5
mV
Initial, at TA = 25°C, IN = GND1, ISO224A
–50
±1
50
TCVOS
Input offset voltage drift(1)
ISO224B
–15
±3
15
µV/°C
ISO224A
–60
±12
60
CIN
Input capacitance
IN to GND1
2
pF
RIN
Input resistance
IN to GND1
1
1.25
M
Ω
IIB
Input bias current
IN = GND1
±15
nA
TCIIB
Input bias current drift
IN = GND1
±30
pA/°C
en
Input-referred noise
density
ISO224B
3
µV/
√Hz
ISO224A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com