Electronic Components Datasheet Search
  English  ▼

X  

ISO224ADWVR Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO224ADWVR
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224ADWVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO224ADWVR Datasheet HTML 5Page - Texas Instruments ISO224ADWVR Datasheet HTML 6Page - Texas Instruments ISO224ADWVR Datasheet HTML 7Page - Texas Instruments ISO224ADWVR Datasheet HTML 8Page - Texas Instruments ISO224ADWVR Datasheet HTML 9Page - Texas Instruments ISO224ADWVR Datasheet HTML 10Page - Texas Instruments ISO224ADWVR Datasheet HTML 11Page - Texas Instruments ISO224ADWVR Datasheet HTML 12Page - Texas Instruments ISO224ADWVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
IN
OUTN
OUTP
50% - 10%
12 V
-12 V
50% - 50%
50% - 90%
10%
50%
tr
tf
VCMout
90%
0 V
50%
9
ISO224
www.ti.com
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr, tf
Rise time, fall time
ISO224B on OUTP, OUTN
1.5
µs
ISO224A on OUTP, OUTN
2
µs
IN to OUTP, OUTN signal delay
(50% – 10%)
ISO224B, unfiltered output, see Figure 1
1.5
2
µs
ISO224A, unfiltered output, see Figure 1
1.9
2.9
IN to OUTP, OUTN signal delay
(50% – 50%)
ISO224B, unfiltered output, see Figure 1
2.2
2.7
µs
ISO224A, unfiltered output, see Figure 1
2.8
3.8
IN to OUTP, OUTN signal delay
(50% – 90%)
ISO224B, unfiltered output, see Figure 1
3
3.5
µs
ISO224A, unfiltered output, see Figure 1
3.8
4.8
tAS
Analog startup time
VDD1 step to 4.5 V with VDD2
≥ 4.5 V,
to OUTP, OUTN valid, 0.1% settling
250
µs
Figure 1. Delay Time Test Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com