Electronic Components Datasheet Search
  English  ▼

X  

TAS3103A Datasheet(PDF) 83 Page - Texas Instruments

Part # TAS3103A
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103A Datasheet(HTML) 83 Page - Texas Instruments

Back Button TAS3103A Datasheet HTML 79Page - Texas Instruments TAS3103A Datasheet HTML 80Page - Texas Instruments TAS3103A Datasheet HTML 81Page - Texas Instruments TAS3103A Datasheet HTML 82Page - Texas Instruments TAS3103A Datasheet HTML 83Page - Texas Instruments TAS3103A Datasheet HTML 84Page - Texas Instruments TAS3103A Datasheet HTML 85Page - Texas Instruments TAS3103A Datasheet HTML 86Page - Texas Instruments TAS3103A Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 152 page
background image
3−19
TAS3103A, volume commands received for the other two monaural channels are not acted on until the active volume
transition completes. When the active volume transition does complete, the latest volume command received for the
three monaural channels during the previous soft volume transition time are serviced. LRCLK should not be stopped
during a volume transition.
Microprocessor
2048 Sample
Transition
4096 Sample
Transition
Soft Volume
Gain Control
Soft Volume
volume_setting
VSCSubaddress 0xF1 = 1
VSCSubaddress 0xF1 = 0
I2C Slave Mode
I2C Master Mode
I2C
Volume
Commands
GPIO
Volume
Commands
f (Volume)
Programmable
Biquad Filter
Channel-Processed
Audio
Loudness Compensation
Volume-Adjusted
Audio
Figure 3−16. Soft Volume and Loudness Compensation Block Diagram
Figure 3−15 is a more detailed block diagram of soft volume and loudness compensation, and includes the I2C
subaddress commands that control volume and loudness compensation. Volume control is accomplished using three
I2C subaddresses—volume control, mute/unmute control, and volume slew rate control.
Volume control in the TAS3103A applies a linear gain. The volume commands issued via I2C subaddresses 0xF2,
0xF3, and 0xF4 (monaural channels 1, 2, and 3, respectively) are signed 5.23-format numbers. These commands
are applied to mixers, whose other input port is the audio data stream. The mixer output is the product of the audio
data stream and the volume command. Examples of volume command settings follow.
Volume command = 0x3580 B07 = 0011 0.101 1000 0000 1011 0000 0111 = 6.6878365
Volume command = 0x01F0 000 = 0000 0.001 1111 0000 0000 0000 0000 = 0.2421875
Volume command = 0xCD6E FFE = 1100 1.101 0110 1110 1111 1111 1110 = −6.3208010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com