Electronic Components Datasheet Search
  English  ▼

X  

TAS3103A Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS3103A
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS3103A Datasheet HTML 7Page - Texas Instruments TAS3103A Datasheet HTML 8Page - Texas Instruments TAS3103A Datasheet HTML 9Page - Texas Instruments TAS3103A Datasheet HTML 10Page - Texas Instruments TAS3103A Datasheet HTML 11Page - Texas Instruments TAS3103A Datasheet HTML 12Page - Texas Instruments TAS3103A Datasheet HTML 13Page - Texas Instruments TAS3103A Datasheet HTML 14Page - Texas Instruments TAS3103A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
1−3
1.3
Hardware Block Diagram
SDIN1
COEF
RAM
Data
RAM
Code
ROM
Data
Path
Memory
Interface
Delay
Memory
(4K x 16)
8051
MCU
Control
Registers
Volume
Update
4
I2C_SCL
I2C_SDA
CS1
CS0
GPIO[3:0]
8
54
48
28
SDIN2
SDIN4
SDIN3
SDOUT1
SDOUT2
SDOUT3
LRCLK
SCLKIN
MCLKO
SCLKOUT1
SCLKOUT2
76-Bit
ALU
Digital Audio Processor
Serial
Audio
Port
Controller
(8-Bit)
4
External
Data
RAM
Internal
Data
RAM
Code
ROM
8
28
28
64
Oscillator
and
PLL
XTALI
XTALO
PWRDN
PLL0
PLL1
TEST
48
64
64
64
64
64
64
I2C
Serial
Interface
RST
I2CM_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com