Electronic Components Datasheet Search
  English  ▼

X  

ISO7641FC Datasheet(PDF) 25 Page - Texas Instruments

Part # ISO7641FC
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC Datasheet(HTML) 25 Page - Texas Instruments

Back Button ISO7641FC Datasheet HTML 21Page - Texas Instruments ISO7641FC Datasheet HTML 22Page - Texas Instruments ISO7641FC Datasheet HTML 23Page - Texas Instruments ISO7641FC Datasheet HTML 24Page - Texas Instruments ISO7641FC Datasheet HTML 25Page - Texas Instruments ISO7641FC Datasheet HTML 26Page - Texas Instruments ISO7641FC Datasheet HTML 27Page - Texas Instruments ISO7641FC Datasheet HTML 28Page - Texas Instruments ISO7641FC Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
ISO7641
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
OUTD
OUTA
OUTB
OUTC
IND
GND2
VCC2
0.1 µF
EN2
GND2
EN1
GND1
GND1
0.1 µF
VCC1
Copyright © 2016, Texas Instruments Incorporated
25
ISO7631FM, ISO7631FC, ISO7641FC
www.ti.com
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Application (continued)
10.2.2 Detailed Design Procedure
Figure 25. Typical ISO7641FC Circuit Hookup
10.2.2.1 Typical Supply Current Equations
(Calculated based on room temperature and typical Silicon process)
ISO7631FM:
At VCC1 = VCC2 = 3.3 V
ICC1 = 1.8072 + 0.0244 × f + 0.0016 × f × CL
(1)
ICC2 = 2.4625 + 0.0252 × f + 0.0033 × f × CL
(2)
At VCC1 = VCC2 = 5 V
ICC1 = 2.3183 + 0.04 × f + 0.0025 × f × CL
(3)
ICC2 = 3.2582 + 0.0403 × f + 0.0049 × f × CL
(4)
ISO7631FC:
At VCC1 = VCC2 = 3.3 V
ICC1 = 1.1762 + 0.0325 × f + 0.0017 × f × CL
(5)
ICC2 = 1.5285 + 0.0299 × f + 0.0033 × f × CL
(6)
At VCC1 = VCC2 = 5 V
ICC1 = 1.6001 + 0.0528 × f + 0.0025 × f × CL
(7)
ICC2 = 2.2032 + 0.0475 × f + 0.005 × f × CL
(8)
ISO7641FC:
At VCC1 = VCC2 = 3.3 V
ICC1 = 1.2162 + 0.0462 × f + 0.0017 × f × CL
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com