Electronic Components Datasheet Search
  English  ▼

X  

ISO7831 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7831
Description  ISO7831x High-Performance, 8000-VPK Reinforced Triple Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7831 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7831 Datasheet HTML 4Page - Texas Instruments ISO7831 Datasheet HTML 5Page - Texas Instruments ISO7831 Datasheet HTML 6Page - Texas Instruments ISO7831 Datasheet HTML 7Page - Texas Instruments ISO7831 Datasheet HTML 8Page - Texas Instruments ISO7831 Datasheet HTML 9Page - Texas Instruments ISO7831 Datasheet HTML 10Page - Texas Instruments ISO7831 Datasheet HTML 11Page - Texas Instruments ISO7831 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
ISO7831, ISO7831F
SLLSEP8B – JULY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: ISO7831 ISO7831F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.7 Regulatory Information
All DW package certifications are complete. DWW package certifications are complete for UL, VDE and TUV and planned for
CSA and CQC.
VDE
CSA
UL
CQC
TUV
Certified according to DIN V
VDE V 0884–10 (VDE V
0884–10):2006-12 and DIN EN
60950-1 (VDE 0805 Teil
1):2011-01
Approved under CSA
Component Acceptance Notice
5A, IEC 60950-1 and IEC
60601-1
Certified according to UL
1577 Component
Recognition Program
Certified according to GB
4943.1-2011
Certified according to
EN 61010-1:2010 (3rd Ed) and
EN 60950-
1:2006/A11:2009/A1:2010/
A12:2011/A2:2013
Reinforced insulation
Maximum transient isolation
voltage, 8000 VPK;
Maximum repetitive peak
isolation voltage, 2121 VPK
(DW), 2828 VPK (DWW);
Maximum surge isolation
voltage, 8000 VPK
Reinforced insulation per CSA
60950-1-07+A1+A2 and IEC
60950-1 2nd Ed., 800 VRMS
(DW) and 1450 VRMS (DWW)
maximum working voltage
(pollution degree 2, material
group I);
Single protection, 5700
VRMS
Reinforced Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 250 VRMS
maximum working voltage
5700 VRMS Reinforced insulation
per
EN 61010-1:2010 (3rd Ed) up to
working voltage of 600 VRMS
(DW package) and 1000 VRMS
(DWW package)
2 MOPP (Means of Patient
Protection) per CSA 60601-
1:14 and IEC 60601-1 Ed. 3.1,
250 VRMS (354 VPK) maximum
working voltage
5700 VRMS Reinforced insulation
per
EN 60950-
1:2006/A11:2009/A1:2010/
A12:2011/A2:2013 up to working
voltage of 800 VRMS (DW
package) and 1450 VRMS (DWW
package)
Certificate number: 40040142
Master contract number:
220991
File number: E181974
Certificate number:
CQC15001121716
Client ID number: 77311
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW PACKAGE
IS
Safety input, output, or
supply current
RθJA = 81.1°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 3
280
mA
RθJA = 81.1°C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 3
428
RθJA = 81.1°C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see Figure 3
560
PS
Safety input, output, or total
power
RθJA = 81.1°C/W, TJ = 150°C, TA = 25°C, see Figure 5
1541
mW
TS
Maximum safety
temperature
150
°C
DWW PACKAGE
IS
Safety input, output, or
supply current
RθJA = 83.4°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 4
273
mA
RθJA = 83.4°C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 4
416
RθJA = 83.4°C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see Figure 4
545
PS
Safety input, output, or total
power
RθJA = 83.4°C/W, TJ = 150°C, TA = 25°C, see Figure 6
1499
mW
TS
Maximum safety
temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information is that of a
device installed on a high-K test board for leaded surface mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com