Electronic Components Datasheet Search
  English  ▼

X  

ISO7831 Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO7831
Description  ISO7831x High-Performance, 8000-VPK Reinforced Triple Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7831 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7831 Datasheet HTML 8Page - Texas Instruments ISO7831 Datasheet HTML 9Page - Texas Instruments ISO7831 Datasheet HTML 10Page - Texas Instruments ISO7831 Datasheet HTML 11Page - Texas Instruments ISO7831 Datasheet HTML 12Page - Texas Instruments ISO7831 Datasheet HTML 13Page - Texas Instruments ISO7831 Datasheet HTML 14Page - Texas Instruments ISO7831 Datasheet HTML 15Page - Texas Instruments ISO7831 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
ISO7831, ISO7831F
SLLSEP8B – JULY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: ISO7831 ISO7831F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.15 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 13
6
11
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.55
4.1
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
2.5
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 13
1.7
3.9
ns
tf
Output signal fall time
1.9
3.9
ns
tPHZ
Disable propagation delay, high-to-high impedance
output
See Figure 14
12
20
ns
tPLZ
Disable propagation delay, low-to-high impedance
output
12
20
ns
tPZH
Enable propagation delay, high impedance-to-high
output for ISO7831
10
20
ns
Enable propagation delay, high impedance-to-high
output for ISO7831F
2
2.5
μs
tPZL
Enable propagation delay, high impedance-to-low
output for ISO7831
2
2.5
μs
Enable propagation delay, high impedance-to-low
output for ISO7831F
10
20
ns
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7 V. See Figure 15
0.2
9
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.90
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.16 Switching Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 13
6
10.8
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.7
4.2
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
2.2
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 13
0.8
3
ns
tf
Output signal fall time
0.8
3
ns
tPHZ
Disable propagation delay, high-to-high impedance
output
See Figure 14
17
32
ns
tPLZ
Disable propagation delay, low-to-high impedance
output
17
32
ns
tPZH
Enable propagation delay, high impedance-to-high
output for ISO7831
17
32
ns
Enable propagation delay, high impedance-to-high
output for ISO7831F
2
2.5
μs
tPZL
Enable propagation delay, high impedance-to-low
output for ISO7831
2
2.5
μs
Enable propagation delay, high impedance-to-low
output for ISO7831F
17
32
ns
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7 V. See Figure 15
0.2
9
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.91
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com