Electronic Components Datasheet Search
  English  ▼

X  

ISO7820FDWW Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7820FDWW
Description  ISO7820x High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7820FDWW Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7820FDWW Datasheet HTML 17Page - Texas Instruments ISO7820FDWW Datasheet HTML 18Page - Texas Instruments ISO7820FDWW Datasheet HTML 19Page - Texas Instruments ISO7820FDWW Datasheet HTML 20Page - Texas Instruments ISO7820FDWW Datasheet HTML 21Page - Texas Instruments ISO7820FDWW Datasheet HTML 22Page - Texas Instruments ISO7820FDWW Datasheet HTML 23Page - Texas Instruments ISO7820FDWW Datasheet HTML 24Page - Texas Instruments ISO7820FDWW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ISO7820F
UCC27423
PWM
MOSFET A
MOSFET B
21
ISO7820, ISO7820F
www.ti.com
SLLSEP0A – JULY 2015 – REVISED MARCH 2016
Product Folder Links: ISO7820 ISO7820F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The ISO7820 is a high-performance, dual-channel digital isolator with 5.7 kVRMS isolation voltage per UL 1577. It
utilizes single-ended CMOS-logic switching technology. Its supply voltage range is from 2.25 V to 5.5 V for both
supplies, VCC1 and VCC2. When designing with digital isolators, it is important to keep in mind that due to the
single-ended design structure, digital isolators do not conform to any specific interface standard and are only
intended for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the
data controller (that is,
μC or UART), and a data converter or a line transceiver, regardless of the interface type
or standard.
9.2 Typical Application
ISO7820F can be used to isolate power MOSFETs from sensitive logic circuitry in Switch Mode Power Supplies
(SMPS) as shown below.
Figure 16. Isolated Switch Mode Power Supply
9.2.1 Design Requirements
For the ISO7820, use the parameters shown in Table 7.
Table 7. Design Parameters
PARAMETER
VALUE
Supply voltage
2.25 V to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com