Electronic Components Datasheet Search
  English  ▼

X  

ISO7820FDWW Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7820FDWW
Description  ISO7820x High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7820FDWW Datasheet(HTML) 4 Page - Texas Instruments

  ISO7820FDWW Datasheet HTML 1Page - Texas Instruments ISO7820FDWW Datasheet HTML 2Page - Texas Instruments ISO7820FDWW Datasheet HTML 3Page - Texas Instruments ISO7820FDWW Datasheet HTML 4Page - Texas Instruments ISO7820FDWW Datasheet HTML 5Page - Texas Instruments ISO7820FDWW Datasheet HTML 6Page - Texas Instruments ISO7820FDWW Datasheet HTML 7Page - Texas Instruments ISO7820FDWW Datasheet HTML 8Page - Texas Instruments ISO7820FDWW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTB
VCC2
INB
NC
NC
OUTA
NC
EN2
NC
INA
VCC1
GND1
NC
GND2
GND2
GND1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GND2
NC
NC
INA
GND1
OUTB
VCC1
OUTA
VCC2
INB
GND1
NC
NC
GND2
NC
NC
4
ISO7820, ISO7820F
SLLSEP0A – JULY 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ISO7820 ISO7820F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DW Package
16-Pin (SOIC)
Top View
DWW Package
16-Pin (SOIC)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
NO.
DW
DWW
GND1
1, 7
2, 8
–
Ground connection for VCC1
GND2
9, 16
9, 15
–
Ground connection for VCC2
INA
4
5
I
Input, channel A
INB
5
6
I
Input, channel B
NC
2, 6, 8, 10 ,11,
15
4, 7, 10
–
Not connected
OUTA
13
12
O
Output, channel A
OUTB
12
11
O
Output, channel B
VCC1
3
1
–
Power supply, VCC1
VCC2
14
16
–
Power supply, VCC2
EN2
–
13
I
Output enable 2. Output pins on side 2 are enabled when EN2 is high or open and
in high-impedance state when EN2 is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com