Electronic Components Datasheet Search
  English  ▼

X  

LM2765 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2765
Description  LM2765 Switched-Capacitor Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2765 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2765 Datasheet HTML 8Page - Texas Instruments LM2765 Datasheet HTML 9Page - Texas Instruments LM2765 Datasheet HTML 10Page - Texas Instruments LM2765 Datasheet HTML 11Page - Texas Instruments LM2765 Datasheet HTML 12Page - Texas Instruments LM2765 Datasheet HTML 13Page - Texas Instruments LM2765 Datasheet HTML 14Page - Texas Instruments LM2765 Datasheet HTML 15Page - Texas Instruments LM2765 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
LM2765
SNVS070D – MARCH 2000 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM2765
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Figure 13. Generating a Regulated +5-V From +3-V Input Voltage
9.2.1.3 Application Curve
Figure 14. Efficiency vs Load Current
10 Power Supply Recommendations
The LM2765 is designed to operate from as an inverter over an input voltage supply range between 1.8 V and
5.5 V. This input supply must be well regulated and capable to supply the required input current. If the input
supply is located far from the device, additional bulk capacitance may be required in addition to the ceramic
bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com