Electronic Components Datasheet Search
  English  ▼

X  

LM2876 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2876
Description  LM2876 Overture™ Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2876 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2876 Datasheet HTML 8Page - Texas Instruments LM2876 Datasheet HTML 9Page - Texas Instruments LM2876 Datasheet HTML 10Page - Texas Instruments LM2876 Datasheet HTML 11Page - Texas Instruments LM2876 Datasheet HTML 12Page - Texas Instruments LM2876 Datasheet HTML 13Page - Texas Instruments LM2876 Datasheet HTML 14Page - Texas Instruments LM2876 Datasheet HTML 15Page - Texas Instruments LM2876 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
LM2876
SNAS088C – AUGUST 1995 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Max Heatsink Thermal Resistance (°C/W)
at the Specified Ambient Temperature (°C)
Maximum Power Dissipation
vs
Supply Voltage
Note: The maximum heat sink thermal resistance values, øSA, in the table above were calculated using a øCS = 0.2°C/W due to thermal
compound.
Figure 25.
Power Dissipation vs
Power Dissipation vs
Output Power
Output Power
Figure 26.
Figure 27.
Output Power vs
Supply Voltage
IMD 60 Hz, 4:1
Figure 28.
Figure 29.
12
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM2876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com