Electronic Components Datasheet Search
  English  ▼

X  

LM2745 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2745
Description  LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2745 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2745 Datasheet HTML 8Page - Texas Instruments LM2745 Datasheet HTML 9Page - Texas Instruments LM2745 Datasheet HTML 10Page - Texas Instruments LM2745 Datasheet HTML 11Page - Texas Instruments LM2745 Datasheet HTML 12Page - Texas Instruments LM2745 Datasheet HTML 13Page - Texas Instruments LM2745 Datasheet HTML 14Page - Texas Instruments LM2745 Datasheet HTML 15Page - Texas Instruments LM2745 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
RS1
SRSD = SROUT1
RS1 + RS2
Master Power
Supply
VOUT1
LM2745/8
RS1
RFB2
RFB1
FB
VOUT2
VFB
SD
RS2
5V
1.8V
1.8V
VOUT1
VOUT2
LM2745, LM2748
SNOSAL2E – APRIL 2005 – REVISED APRIL 2013
www.ti.com
For the example case of VOUT1 = 5V and VOUT2 = 1.8V, with RT1 set to 150Ω as before, RT2 is calculated from the
above equation to be 265
Ω. A timing diagram for the case of equal slew rates is shown in Figure 21.
Figure 21. Tracking with Equal Slew Rates
SEQUENCING
The start up/soft-start of the LM2745/8 can be delayed for the purpose of sequencing by connecting a resistor
divider from the output of a master power supply to the SD pin, as shown in Figure 22.
Figure 22. Sequencing Circuit
A desired delay time tDELAY between the startup of the master supply output voltage and the LM2745/8 output
voltage can be set based on the SD pin low-to-high threshold VSD-IH and the slew rate of the voltage at the SD
pin, SRSD:
tDELAY = VSD-IH / SRSD
Note again, that in Figure 22, the LM2745/8’s output voltage has been represented symbolically as VOUT2, i.e.
without explicitly showing the power components.
VSD-IH is typically 1.08V and SRSD is the slew rate of the SD pin voltage. The values of the sequencing divider
resistors RS1 and RS2 set the SRSD based on the master supply output voltage slew rate, SROUT1, using the
following equation:
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2745 LM2748



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com