Electronic Components Datasheet Search
  English  ▼

X  

LM2745 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2745
Description  LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2745 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2745 Datasheet HTML 9Page - Texas Instruments LM2745 Datasheet HTML 10Page - Texas Instruments LM2745 Datasheet HTML 11Page - Texas Instruments LM2745 Datasheet HTML 12Page - Texas Instruments LM2745 Datasheet HTML 13Page - Texas Instruments LM2745 Datasheet HTML 14Page - Texas Instruments LM2745 Datasheet HTML 15Page - Texas Instruments LM2745 Datasheet HTML 16Page - Texas Instruments LM2745 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
8 PA
17 PA
Bias Enable
Soft-Start Enable
1.25V
10k
SD
+
-
t = 5 ms
VOUT1
VOUT2
5V
1.8V
VSD-IH
1.08V
LM2745, LM2748
www.ti.com
SNOSAL2E – APRIL 2005 – REVISED APRIL 2013
For example, if the master supply output voltage slew rate was 1V/ms and the desired delay time between the
startup of the master supply and LM2745/8 output voltage was 5 ms, then the desired SD pin slew rate would be
(1.08V/5 ms) = 0.216V/ms. Due to the internal impedance of the SD pin, the maximum recommended value for
RS2 is 1 kΩ. To achieve the desired slew rate, RS1 would then be 274Ω. A timing diagram for this example is
shown in Figure 23.
Figure 23. Delay for Sequencing
SD PIN IMPEDANCE
When connecting a resistor divider to the SD pin of the LM2745/8 some care has to be taken. Once the SD
voltage goes above VSD-IH, a 17 µA pull-up current is activated as shown in Figure 24. This current is used to
create the internal hysteresis (
≊170 mV); however, high external impedances will affect the SD pin logic
thresholds as well. The external impedance used for the sequencing divider network should preferably be a small
fraction of the impedance of the SD pin for good performance (around 1 k
Ω).
Figure 24. SD Pin Logic
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2745 LM2748



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com