Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3102
Description  LM3102-Q1 Automotive Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments LM3102 Datasheet HTML 10Page - Texas Instruments LM3102 Datasheet HTML 11Page - Texas Instruments LM3102 Datasheet HTML 12Page - Texas Instruments LM3102 Datasheet HTML 13Page - Texas Instruments LM3102 Datasheet HTML 14Page - Texas Instruments LM3102 Datasheet HTML 15Page - Texas Instruments LM3102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ILR =
(VIN - VOUT) x ton
L
12
LM3102-Q1
SNVSB33 – MAY 2018
www.ti.com
Product Folder Links: LM3102-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.6 Current Limit
Current limit detection is carried out during the OFF-time by monitoring the re-circulating current through the
synchronous MOSFET. Referring to the Functional Block Diagram, when the main MOSFET is turned off, the
inductor current flows through the load, the PGND pin and the internal synchronous MOSFET. If this current
exceeds 2.7 A, the current limit comparator toggles, and as a result disabling the start of the next ON-time
period. The next switching cycle starts when the re-circulating current falls back below 2.7 A (and the voltage at
the FB pin is below 0.8 V). The inductor current is monitored during the ON-time of the synchronous MOSFET.
As long as the inductor current exceeds 2.7 A, the main MOSFET will remain inhibited to achieve current limit.
The operating frequency is lower during current limit due to a longer OFF-time.
Figure 19 illustrates an inductor current waveform. On average, the output current IOUT is the same as the
inductor current IL, which is the average of the rippled inductor current. In case of current limit (the current limit
portion of Figure 19), the next ON-time will not initiate until that the current drops below 2.7 A (assume the
voltage at the FB pin is lower than 0.8 V). During each ON-time the current ramps up an amount equal to:
(4)
During current limit, the LM3102-Q1 operates in a constant current mode with an average output current IOUT(CL)
equal to 2.7 A + ILR / 2.
Figure 19. Inductor Current - Current Limit Operation
7.3.7 N-Channel MOSFET and Driver
The LM3102-Q1 integrates an N-channel main MOSFET and an associated floating high voltage main MOSFET
gate driver. The gate drive circuit works in conjunction with an external bootstrap capacitor CBST and an internal
high voltage diode. CBST connecting between the BST and SW pins powers the main MOSFET gate driver during
the main MOSFET ON-time. During each OFF-time, the voltage of the SW pin falls to approximately –1 V, and
CBST charges from VCC through the internal diode. The minimum OFF-time of 260 ns provides enough time for
charging CBST in each cycle.
7.3.8 Soft Start
The soft-start feature allows the converter to gradually reach a steady-state operating point, thereby reducing
startup stresses and current surges. Upon turnon, after VCC reaches the undervoltage threshold, an 8-µA internal
current source charges up an external capacitor CSS connecting to the SS pin. The ramping voltage at the SS pin
(and the non-inverting input of the regulation comparator as well) ramps up the output voltage VOUT in a
controlled manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com