Electronic Components Datasheet Search
  English  ▼

X  

LM3302 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3302
Description  LM3302 Quad Differential Comparator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3302 Datasheet(HTML) 4 Page - Texas Instruments

  LM3302 Datasheet HTML 1Page - Texas Instruments LM3302 Datasheet HTML 2Page - Texas Instruments LM3302 Datasheet HTML 3Page - Texas Instruments LM3302 Datasheet HTML 4Page - Texas Instruments LM3302 Datasheet HTML 5Page - Texas Instruments LM3302 Datasheet HTML 6Page - Texas Instruments LM3302 Datasheet HTML 7Page - Texas Instruments LM3302 Datasheet HTML 8Page - Texas Instruments LM3302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
28
V
Differential input voltage : VID (2)
±28
V
Input pins (IN+, IN–)
-0.3
28
V
Current into input pins (IN+, IN–)
-20
mA
Output pin (OUT)
-0.3
28
V
Output sink current
20
mA
Output short-circuit duration(3)
Unlimited
s
Junction temperature, TJ
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods can affect device
reliability.
(2)
Differential voltages are at IN+ with respect to IN-
(3)
Short circuits from outputs to V+ can cause excessive heating and eventual destruction.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Human-body model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
2
28
V
Ambient temperature, TA
–40
85
°C
Input Voltage Range, VIVR
V-
(V+) – 2.0
V
Output Voltage
V-
28
V
5.4 Thermal Information
THERMAL METRIC(1)
LM3302
UNIT
N
(PDIP)
D
(SOIC)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
114.9
111.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93.8
66.9
°C/W
RθJB
Junction-to-board thermal resistance
77.7
67.8
°C/W
ψJT
Junction-to-top characterization parameter
60.4
28.0
°C/W
ψJB
Junction-to-board characterization parameter
76.7
67.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semicondctor and IC Package Thermal Metrics report,
SPRA953.
LM3302
SLCS014B – OCTOBER 1977 – REVISED APRIL 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com