Electronic Components Datasheet Search
  English  ▼

X  

LM56 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM56
Description  LM56 Dual Output Low Power Thermostat
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM56 Datasheet(HTML) 3 Page - Texas Instruments

  LM56 Datasheet HTML 1Page - Texas Instruments LM56 Datasheet HTML 2Page - Texas Instruments LM56 Datasheet HTML 3Page - Texas Instruments LM56 Datasheet HTML 4Page - Texas Instruments LM56 Datasheet HTML 5Page - Texas Instruments LM56 Datasheet HTML 6Page - Texas Instruments LM56 Datasheet HTML 7Page - Texas Instruments LM56 Datasheet HTML 8Page - Texas Instruments LM56 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM56
www.ti.com
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
Absolute Maximum Ratings
(1)
Input Voltage
12V
Input Current at any pin(2)
5 mA
Package Input Current(2)
20 mA
Package Dissipation at TA = 25°C
(3)
900 mW
Human Body Model - Pin 3 Only
800V
All other pins
1000V
ESD Susceptibility(4)
Machine Model
125V
Storage Temperature
−65°C to + 150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the LM56 Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supply (VI < GND or VI > V
+), the current at that pin should be limited to 5 mA.
The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 5 mA to four.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (junction to ambient thermal resistance) and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PD = (TJmax–TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For this device, TJmax =
125°C. For this device the typical thermal resistance (
θJA) of the different package types when board mounted follow:
(4)
The human body model is a 100 pF capacitor discharge through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Ratings
(1) (2) (3)
Operating Temperature Range
TMIN ≤ TA ≤ TMAX
LM56BIM, LM56CIM
−40°C ≤ TA ≤ +125°C
Positive Supply Voltage (V+)
+2.7V to +10V
Maximum VOUT1 and VOUT2
+10V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the LM56 Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.
(3)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Package Type
θJA
D0008A
110°C/W
DGK0008A
250°C/W
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com