Electronic Components Datasheet Search
  English  ▼

X  

LM56 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM56
Description  LM56 Dual Output Low Power Thermostat
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM56 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM56 Datasheet HTML 3Page - Texas Instruments LM56 Datasheet HTML 4Page - Texas Instruments LM56 Datasheet HTML 5Page - Texas Instruments LM56 Datasheet HTML 6Page - Texas Instruments LM56 Datasheet HTML 7Page - Texas Instruments LM56 Datasheet HTML 8Page - Texas Instruments LM56 Datasheet HTML 9Page - Texas Instruments LM56 Datasheet HTML 10Page - Texas Instruments LM56 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LM56
www.ti.com
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
FUNCTIONAL DESCRIPTION
Pin Functions
V+
This is the positive supply voltage pin. This pin should be bypassed with a 0.1 µF capacitor to ground.
GND
This is the ground pin.
VREF
This is the 1.250V bandgap voltage reference output pin. In order to maintain trip point accuracy this pin
should source a 50 µA load.
VTEMP
This is the temperature sensor output pin.
OUT1
This is an open collector digital output. OUT1 is active LOW. It goes LOW when the temperature is greater
than T1 and goes HIGH when the temperature drops below T1– 5°C. This output is not intended to directly
drive a fan motor.
OUT2
This is an open collector digital output. OUT2 is active LOW. It goes LOW when the temperature is greater
than the T2 set point and goes HIGH when the temperature is less than T2– 5°C. This output is not intended to
directly drive a fan motor.
VT1
This is the input pin for the temperature trip point voltage for OUT1.
VT2
This is the input pin for the low temperature trip point voltage for OUT2.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com