Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM73
Description  LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 5 Page - Texas Instruments

  LM73 Datasheet HTML 1Page - Texas Instruments LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM73
www.ti.com
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
6.5 Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD = 2.7 V to 5.5 V. All limits TA = TJ = 25°C, unless otherwise noted.
TA is the ambient temperature. TJ is the junction temperature.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(1)
UNIT
TA = −10°C to 80°C
TA = TJ =TMIN to TMAX
±1
°C
VDD = 2.7V
to
TA = −25°C to 115°C
TA = TJ =TMIN to TMAX
±1.5
°C
VDD = 4.5V
TA = −40°C to 150°C
TA = TJ =TMIN to TMAX
±2
°C
Accuracy (2)
TA = −10°C to 80°C
TA = TJ =TMIN to TMAX
±1.5
°C
VDD > 4.5V
to
TA = −25°C to 115°C
TA = TJ =TMIN to TMAX
±2
°C
VDD = 5.5V
TA = −40°C to 150°C
TA = TJ =TMIN to TMAX
±2.5
°C
11
Bits
RES1 Bit = 0, RES0 Bit = 0
0.25
°C/LSB
12
Bits
RES1 Bit = 0, RES0 Bit = 1
0.125
°C/LSB
Resolution
13
Bits
RES1 Bit = 1, RES0 Bit = 0
0.0625
°C/LSB
14
Bits
RES1 Bit = 1, RES0 Bit = 1
0.03125
°C/LSB
10.1
RES1 Bit = 0, RES0 Bit = 0
ms
TA = TJ =TMIN to TMAX
14
20.2
RES1 Bit = 0, RES0 Bit = 1
ms
TA = TJ =TMIN to TMAX
28
Temperature
Conversion Time (3)
40.4
RES1 Bit = 1, RES0 Bit = 0
ms
TA = TJ =TMIN to TMAX
56
80.8
RES1 Bit = 1, RES0 Bit = 1
ms
TA = TJ =TMIN to TMAX
112
320
Continuous Conversion Mode,
µA
SMBus inactive
TA = TJ =TMIN to TMAX
495
120
Quiescent Current
Shutdown, bus-idle timers on
µA
TA = TJ =TMIN to TMAX
175
1.9
Shutdown, bus-idle timers off
µA
TA = TJ =TMIN to TMAX
8
Power-On Reset
Measured on VDD input, falling edge TA = TJ =TMIN to TMAX
0.9
V
Threshold
(1)
Limits are specified to AOQL (Average Outgoing Quality Level).
(2)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM73 and the thermal resistance.
(3)
This specification is provided only to indicate how often temperature data is updated. The LM73 can be read at any time without regard
to conversion state (and will yield last conversion result).
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com