Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM73
Description  LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments LM73 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM73
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
www.ti.com
6.6 Logic Electrical Characteristics- Digital DC Characteristics
Unless otherwise noted, these specifications apply for VDD = 2.7 V to 5.5 V. All limits TA = TJ = 25°C, unless otherwise noted.
TA is the ambient temperature. TJ is the junction temperature.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
SMBDAT, SMBCLK INPUTS
Logical 1 Input
VIH
TA = TJ =TMIN to TMAX
0.7 × VDD
V
Voltage
Logical 0 Input
VIL
TA = TJ =TMIN to TMAX
0.3 × VDD
V
Voltage
SMBDAT and
VIN;HYST SMBCLK Digital
0.07 × VDD
V
Input Hysteresis
0.01
Logical 1 Input
IIH
VIN = VDD
µA
Current
TA = TJ =TMIN to TMAX
2
–0.01
Logical 0 Input
IIL
VIN = 0 V
µA
Current
TA = TJ =TMIN to TMAX
–2
CIN
Input Capacitance
5
pF
SMBDAT, ALERT OUTPUTS
0.01
High Level Output
IOH
VOH = VDD
µA
Current
TA = TJ =TMIN to TMAX
2
SMBus Low Level
TA = TJ =TMIN to TMAX
VOL
IOL = 3 mA
0.4
V
Output Voltage
ADDRESS INPUT
VIH;ADD
Address Pin High
TA = TJ =TMIN to TMAX
VDD – 0.100
V
RESS
Input Voltage
VIL;ADDR Address Pin Low
TA = TJ =TMIN to TMAX
0.100
V
ESS
Input Voltage
0.01
IIH;
Address Pin High
VIN = VDD
µA
ADDRESS
Input Current
TA = TJ =TMIN to TMAX
2
–0.01
IIL;ADDR
Address Pin Low
VIN = 0 V
µA
ESS
Input Current
TA = TJ =TMIN to TMAX
–2
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com