Electronic Components Datasheet Search
  English  ▼

X  

LM809 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM809
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM809 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM809 Datasheet HTML 3Page - Texas Instruments LM809 Datasheet HTML 4Page - Texas Instruments LM809 Datasheet HTML 5Page - Texas Instruments LM809 Datasheet HTML 6Page - Texas Instruments LM809 Datasheet HTML 7Page - Texas Instruments LM809 Datasheet HTML 8Page - Texas Instruments LM809 Datasheet HTML 9Page - Texas Instruments LM809 Datasheet HTML 10Page - Texas Instruments LM809 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
RESET
INPUT
R
D
GND
V
REF
-
+
7
LM809, LM810
www.ti.com
SNVS052E – SEPTEMBER 1999 – REVISED APRIL 2016
Product Folder Links: LM809 LM810
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM809 and LM810 microprocessor supervisory circuits provide a simple solution to monitor the power
supplies in microprocessor and digital systems and provide a reset during power-up, power-down, and brown-out
conditions. The reset signal is controlled by the factory-programmed reset threshold on the VCC supply voltage
pin. When the voltage declines below the reset threshold, the reset signal is asserted and remains asserted for
240 ms after VCC rises above the threshold. The LM809 has an active-low RESET output, while the LM810 has
an active-high RESET output. The available threshold options are 2.63 V, 2.93 V, 3.08 V, 4.38 V, and 4.63 V to
provide precision monitoring of supply voltages.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Benefits of Precision Reset Thresholds
A microprocessor supply supervisor must provide a reset output within a predictable range of the supply voltage.
A common threshold range is between 5% and 10% below the nominal supply voltage. The 4.63-V and 3.08-V
options of the LM809 and LM810 use highly accurate circuitry to ensure that the reset threshold occurs only
within this range (for 5-V and 3.3-V supplies). The other voltage options have the same tight tolerance to ensure
a reset signal for other narrow monitor ranges. See Table 1 for examples of how the standard reset thresholds
apply to 3-V, 3.3-V, and 5-V nominal supply voltages.
Table 1. Reset Thresholds Related to Common Supply Voltages
Reset Threshold
3 V
3.3 V
5 V
4.63 ± 3%
90 – 95%
4.38 ± 3%
85 – 90%
4.00 ± 3%
78 – 82%
3.08 ± 3%
90 – 95%
2.93 ± 3%
86 – 90%
2.63 ± 3%
85 – 90%
77 – 81%
2.45 ± 3%
79 – 84%
72 – 76%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com