Electronic Components Datasheet Search
  English  ▼

X  

LM809 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM809
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM809 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM809 Datasheet HTML 6Page - Texas Instruments LM809 Datasheet HTML 7Page - Texas Instruments LM809 Datasheet HTML 8Page - Texas Instruments LM809 Datasheet HTML 9Page - Texas Instruments LM809 Datasheet HTML 10Page - Texas Instruments LM809 Datasheet HTML 11Page - Texas Instruments LM809 Datasheet HTML 12Page - Texas Instruments LM809 Datasheet HTML 13Page - Texas Instruments LM809 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LM809
RESET
RESET
INPUT
GND
GND
V
CC
V
CC
V
CC
µP
10
LM809, LM810
SNVS052E – SEPTEMBER 1999 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM809 LM810
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM809 and LM810 are a supervisor circuit for microprocessor and digital systems. With a low supply current
of only 15 µA, the LM809 and LM810 are ideal for use in portable equipment.
8.2 Typical Application
Figure 10. Microprocessor RESET Circuit
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input supply voltage range
1 V to 5.5 V
Reset output voltage (high)
Input supply
Reset output voltage (low)
0 V
8.2.2 Detailed Design Procedure
For the typical application circuit, all that is required is the LM809 or LM810 IC, but TI recommends an input
capacitor to help with input voltage transients. A typical input capacitor value is 0.1 uF and must be rated for the
highest expected input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com