Electronic Components Datasheet Search
  English  ▼

X  

LM20145 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM20145
Description  LM20145/LM20145Q 5A, PowerWise® Adjustable Frequency Synchronous Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20145 Datasheet(HTML) 2 Page - Texas Instruments

  LM20145 Datasheet HTML 1Page - Texas Instruments LM20145 Datasheet HTML 2Page - Texas Instruments LM20145 Datasheet HTML 3Page - Texas Instruments LM20145 Datasheet HTML 4Page - Texas Instruments LM20145 Datasheet HTML 5Page - Texas Instruments LM20145 Datasheet HTML 6Page - Texas Instruments LM20145 Datasheet HTML 7Page - Texas Instruments LM20145 Datasheet HTML 8Page - Texas Instruments LM20145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
FB
PGOOD
COMP
NC
PVIN
PVIN
SW
SS/TRK
AVIN
VCC
EN
PGND
PGND
SW
AGND
RT
Exposed Pad
On Bottom
(EP)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LM20145
SNVS530E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Connection Diagram
Top View
See Package Number PWP0016A
Pin Descriptions
Pin #
Name
Description
Soft-Start or Tracking control input. An internal 5 µA current source charges an external capacitor to set the
1
SS/TRK
Soft-Start ramp rate. If driven by a external source less than 800 mV, this pin overrides the internal reference
that sets the output voltage. If left open, an internal 1ms Soft-Start ramp is activated.
Feedback input to the error amplifier from the regulated output. This pin is connected to the inverting input of
2
FB
the internal transconductance error amplifier. An 800 mV reference connected to the non-inverting input of the
error amplifier sets the closed loop regulation voltage at the FB pin.
Power good output signal. Open drain output indicating the output voltage is regulating within tolerance. A
3
PGOOD
pull-up resistor of 10 k
Ω to 100 kΩ is recommend for most applications.
4
COMP
External compensation pin. Connect a resistor and capacitor to this pin to compensate the device.
This pin has no internal connection. While this pin may be left open, it is strongly recommended that this pin
5
NC
be connected to Ground.
Input voltage to the power switches inside the device. These pins should be connected together at the device.
6,7
PVIN
A low ESR capacitor should be placed near these pins to stabilize the input voltage.
8,9
SW
Switch pin. The PWM output of the internal power switches.
10,11
PGND
Power ground pin for the internal power switches.
Precision enable input for the device. An external voltage divider can be used to set the device turn-on
12
EN
threshold. If not used the EN pin should be connected to PVIN.
13
VCC
Internal 2.7V sub-regulator. This pin should be bypassed with a 1 µF ceramic capacitor.
14
AVIN
Analog input supply that generates the internal bias. Must be connected to VIN through a low pass RC filter.
15
AGND
Quiet analog ground for the internal bias circuitry.
16
RT
Frequency adjust pin. Connecting a resistor on this pin to ground will set the oscillator frequency.
Exposed metal pad on the underside of the package with a weak electrical connection to ground. It is
EP
Exposed Pad
recommended to connect this pad to the PC board ground plane in order to improve heat dissipation and
reduce the package
θJA. Do not connect to any potential other than Ground.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com