Electronic Components Datasheet Search
  English  ▼

X  

LM20145 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM20145
Description  LM20145/LM20145Q 5A, PowerWise® Adjustable Frequency Synchronous Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20145 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM20145 Datasheet HTML 20Page - Texas Instruments LM20145 Datasheet HTML 21Page - Texas Instruments LM20145 Datasheet HTML 22Page - Texas Instruments LM20145 Datasheet HTML 23Page - Texas Instruments LM20145 Datasheet HTML 24Page - Texas Instruments LM20145 Datasheet HTML 25Page - Texas Instruments LM20145 Datasheet HTML 26Page - Texas Instruments LM20145 Datasheet HTML 27Page - Texas Instruments LM20145 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM20145MH/NOPB
Active
Production
HTSSOP (PWP) | 16
92 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
MH
LM20145MH/NOPB.A
Active
Production
HTSSOP (PWP) | 16
92 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
MH
LM20145MH/NOPB.B
Active
Production
HTSSOP (PWP) | 16
92 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
MH
LM20145MHE/NOPB
Active
Production
HTSSOP (PWP) | 16
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
MH
LM20145MHE/NOPB.A
Active
Production
HTSSOP (PWP) | 16
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
MH
LM20145MHE/NOPB.B
Active
Production
HTSSOP (PWP) | 16
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
MH
LM20145MHX/NOPB
Active
Production
HTSSOP (PWP) | 16
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
MH
LM20145MHX/NOPB.A
Active
Production
HTSSOP (PWP) | 16
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
MH
LM20145MHX/NOPB.B
Active
Production
HTSSOP (PWP) | 16
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
MH
LM20145QMHE/NOPB
Active
Production
HTSSOP (PWP) | 16
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
QMH
LM20145QMHE/NOPB.A
Active
Production
HTSSOP (PWP) | 16
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
QMH
LM20145QMHE/NOPB.B
Active
Production
HTSSOP (PWP) | 16
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
QMH
LM20145QMHX/NOPB
Active
Production
HTSSOP (PWP) | 16
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
QMH
LM20145QMHX/NOPB.A
Active
Production
HTSSOP (PWP) | 16
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
QMH
LM20145QMHX/NOPB.B
Active
Production
HTSSOP (PWP) | 16
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
20145
QMH
(1) Status: For more details on status, see our product life cycle.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com