Electronic Components Datasheet Search
  English  ▼

X  

LM3489 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3489
Description  LM3489x Hysteretic PFET Buck Controller With Enable Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3489 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3489 Datasheet HTML 8Page - Texas Instruments LM3489 Datasheet HTML 9Page - Texas Instruments LM3489 Datasheet HTML 10Page - Texas Instruments LM3489 Datasheet HTML 11Page - Texas Instruments LM3489 Datasheet HTML 12Page - Texas Instruments LM3489 Datasheet HTML 13Page - Texas Instruments LM3489 Datasheet HTML 14Page - Texas Instruments LM3489 Datasheet HTML 15Page - Texas Instruments LM3489 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
LM3489, LM3489-Q1
SNVS443C – MAY 2006 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM3489 LM3489-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 21. Current Sensing by VDS
The current limit is activated when the voltage at the ADJ pin exceeds the voltage at the ISENSE pin. The ISENSE
comparator triggers the 9-µs one-shot pulse generator forcing the driver to turn the PFET off. The driver turns the
PFET back on after 9 µs. If the current has not reduced below the set threshold, the cycle will repeat
continuously.
A filter capacitor, CADJ, must be placed as shown in Figure 21. CADJ filters unwanted noise so that the ISENSE
comparator will not be accidentally triggered. A value of 100 pF to 1 nF is recommended in most applications.
Higher values can be used to create a soft-start function (see Start Up).
The current limit comparator has approximately 100 ns of blanking time. This ensures that the PFET is fully on
when the current is sensed. However, under extreme conditions such as cold temperature, some PFETs may not
fully turn on within the blanking time. In this case, the current limit threshold must be increased. If the current limit
function is used, the on time must be greater than 100 ns. Under low duty cycle operation, the maximum
operating frequency is limited by this minimum on-time.
During current limit operation, the output voltage drops significantly as does operating frequency. As the load
current is reduced, the output returns to the programmed voltage. However, there is a current limit foldback
phenomenon inherent in this current limit architecture (see Figure 22).
Figure 22. Current Limit Foldback Phenomenon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com