Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3495
Description  LM3495 Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3495 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3495 Datasheet HTML 17Page - Texas Instruments LM3495 Datasheet HTML 18Page - Texas Instruments LM3495 Datasheet HTML 19Page - Texas Instruments LM3495 Datasheet HTML 20Page - Texas Instruments LM3495 Datasheet HTML 21Page - Texas Instruments LM3495 Datasheet HTML 22Page - Texas Instruments LM3495 Datasheet HTML 23Page - Texas Instruments LM3495 Datasheet HTML 24Page - Texas Instruments LM3495 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
ESRMAX =
'VO
'iO
VIN(max) - VO
'iO =
fSW x LACTUAL
x D
13.2V - 1.2V
'iO =
0.5 MHz x 1 PH
x 0.1 = 2.4AP-P
IPK = 10A + 2.4A/2 = 11.2A
LMIN1 =
13.2V - 1.2V
500 kHz x 3A
x 0.1 = 0.8 PH
LMIN2 =
64 x 3.4 m:
500 kHz
x
12V
12V + 2
= 0.4 PH
LMIN2 =
64 x (RDSON-LO + RSNS)
fSW
VIN
VIN + 2
x
LM3495
www.ti.com
SNVS410F – FEBRUARY 2006 – REVISED APRIL 2013
By calculating in terms of amperes, volts, and megahertz, the inductance value will come out in micro henries.
The second minimum inductance equation specific to the LM3495 is:
(17)
By calculating in terms of milliohms and kilohertz the inductance value will come out in micro henries.
For this design:
(18)
Whichever equation gives the higher value for inductance is the one which should be followed.
The second criterion for selecting an inductor is the peak current carrying capability. This is the level above
which the inductor will saturate. In saturation the inductance drops off severely, often to 20% to 30% of the rated
value. In a buck converter, peak current, IPK, is equal to the maximum load current plus one half of the ripple
current. For this example:
IPK = 10A + 1.5A = 11.5A
(19)
Hence an inductor must be selected that has a peak current rating greater than 11.5A and an average current
rating greater than 10A. To ensure a robust design, the inductor selected should maintain approximately 50% of
its rated inductance during the worst-case peak current from an output short circuit. For a low-side current limit
the peak current during an output short circuit can be estimated as ICL plus Δi(O-MAX). Δi(O-MAX) is calculated by
substituting zero for output voltage in the expression for
ΔiO. Inductor core materials with soft saturation
characteristics are preferred. One inductor that meets the peak current guidelines is an off-the-shelf 1.0 µH
component that can handle a peak current of 18A and an average current of 14A. The inductor current ripple and
peak inductor current should be recalculated for the selected inductance value, LACTUAL, by rearranging the
equation for minimum inductance:
(20)
OUTPUT CAPACITOR
The output capacitor in a switching regulator is selected on the basis of capacitance, equivalent series resistance
(ESR), size, and cost. An important specification in switching converters is the output ripple voltage,
ΔvO. At 500
kHz the impedance of most capacitors is very small compared to ESR, hence ESR becomes the main selection
guide. In this design the load requires a 1% ripple, which results in a
ΔvO of 10 mVP-P. Maximum ESR is then:
(21)
ESRMAX is 10 mΩ. Multi-layer ceramic, aluminum electrolytic, tantalum, solid aluminum, organic, and niobium
capacitors are all popular in switching converters. Generally, by the time enough capacitors have been paralleled
to obtain the desired ESR, the bulk capacitance is more than enough to supply the load current during a transient
from no-load to full load. In this example the load could transition quickly from 0A to 5A, (or from 5A to 0A), so
moderate bulk capacitance is needed. Two MLCC capacitors rated 100 µF, 6.3V each with ESR of 1.5 m
Ω will
work well.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com