Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3495
Description  LM3495 Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3495 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3495 Datasheet HTML 8Page - Texas Instruments LM3495 Datasheet HTML 9Page - Texas Instruments LM3495 Datasheet HTML 10Page - Texas Instruments LM3495 Datasheet HTML 11Page - Texas Instruments LM3495 Datasheet HTML 12Page - Texas Instruments LM3495 Datasheet HTML 13Page - Texas Instruments LM3495 Datasheet HTML 14Page - Texas Instruments LM3495 Datasheet HTML 15Page - Texas Instruments LM3495 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
VLIN5
VIN
TRACK
FB
COMP
/SD
CSL
LG
ILIM
SW/
CSH
HG
BOOST
INTERNAL
SOFT-
START
HICCUP
+
-
PWM
COMP
+
-
20 PA
PWM LOGIC CONTROL
AND
DRIVER CONTROL
2V
RAMP
GENERATOR
AND SLOPE
COMPENSATION
INTERNAL
4.7V
REGULATOR
VLIN5
SHOOT-
THROUGH
PROTECT
ADAPTIVE DUTY CYCLE
AND SKIP MODE CONTROL
OSCILLATOR
AND
SYNCHRONIZATION
CONTROL
IRAMP
IFREQ
IFREQ
CLAMPED:
LO 0.9V
HI 2.0V
IRAMP
PGND
SGND
FPWM
SNS
FREQ/
SYNC
5 PA
FROM
LG
TO SHOOT-
THROUGH
PROTECT
SHUTDOWN
VREF
= 0.6V
2 PA
LM3495
SNVS410F – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
Block Diagram
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com