Electronic Components Datasheet Search
  English  ▼

X  

LM4916 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4916
Description  LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4916 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4916 Datasheet HTML 8Page - Texas Instruments LM4916 Datasheet HTML 9Page - Texas Instruments LM4916 Datasheet HTML 10Page - Texas Instruments LM4916 Datasheet HTML 11Page - Texas Instruments LM4916 Datasheet HTML 12Page - Texas Instruments LM4916 Datasheet HTML 13Page - Texas Instruments LM4916 Datasheet HTML 14Page - Texas Instruments LM4916 Datasheet HTML 15Page - Texas Instruments LM4916 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LM4916
SNAS179E – MAY 2003 – REVISED MAY 2013
www.ti.com
on a separate supply. This circuit ensures that shutdown is disabled when powering up the LM4916 by either
allowing shutdown to be high before the LM4916 powers on (the microcontroller powers up first) or allows
shutdown to ramp up with VDD (the LM4916 powers up first). This will ensure the LM4916 powers up properly
and enters the correct mode of operation. Please note that the SE/BTL pin (Pin 8) should be tied to GND for
Single Ended mode, and to VDD for BTL mode.
Figure 38. Recommended Circuit for Different Supply Turn-On Timing
Figure 39. Turn-On, Shutdown, and Mute Timing for Cap-Coupled Mode
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com