Electronic Components Datasheet Search
  English  ▼

X  

LM4916 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4916
Description  LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4916 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4916 Datasheet HTML 9Page - Texas Instruments LM4916 Datasheet HTML 10Page - Texas Instruments LM4916 Datasheet HTML 11Page - Texas Instruments LM4916 Datasheet HTML 12Page - Texas Instruments LM4916 Datasheet HTML 13Page - Texas Instruments LM4916 Datasheet HTML 14Page - Texas Instruments LM4916 Datasheet HTML 15Page - Texas Instruments LM4916 Datasheet HTML 16Page - Texas Instruments LM4916 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM4916
www.ti.com
SNAS179E – MAY 2003 – REVISED MAY 2013
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. Since the LM4916 has two operational amplifiers in one package, the
maximum internal power dissipation is 4 times that of a single-ended amplifier. The maximum power dissipation
for a given BTL application can be derived from the power dissipation graphs or from Equation 3.
PDMAX = 4*(VDD)
2 / (2π2R
L)
(3)
When operating in Single Ended mode, Equation 4 states the maximum power dissipation point for a single-
ended amplifier operating at a given supply voltage and driving a specified output load.
PDMAX = (VDD)
2 / (2π2R
L)
(4)
Since the LM4916 has two operational amplifiers in one package, the maximum internal power dissipation point
is twice that of the number that results from Equation 4. From Equation 4, assuming a 1.5V power supply and a
16
Ω load, the maximum power dissipation point is 7mW per amplifier. Thus the maximum package dissipation
point is 14mW.
The maximum power dissipation point obtained from either Equation 3 or Equation 4must not be greater than the
power dissipation that results from Equation 5:
PDMAX = (TJMAX - TA) / θJA
(5)
For package DGS0010A,
θJA = 175°C/W. TJMAX = 150°C for the LM4916. Depending on the ambient
temperature, TA, of the system surroundings, Equation 5 can be used to find the maximum internal power
dissipation supported by the IC packaging. If the result of Equation 3 or Equation 4 is greater than that of
Equation 5, then either the supply voltage must be decreased, the load impedance increased or TA reduced. For
the typical application of a 1.5V power supply, with a 16
Ω load, the maximum ambient temperature possible
without violating the maximum junction temperature is approximately 146°C provided that device operation is
around the maximum power dissipation point. Thus, for typical applications, power dissipation is not an issue.
Power dissipation is a function of output power and thus, if typical operation is not around the maximum power
dissipation point, the ambient temperature may be increased accordingly. Refer to the Typical Performance
Characteristics curves for power dissipation information for lower output powers.
EXPOSED-DAP PACKAGE PCB MOUNTING CONSIDERATIONS
The LM4916's exposed-DAP (die attach paddle) package (LD) provides a low thermal resistance between the die
and the PCB to which the part is mounted and soldered. This allows rapid heat transfer from the die to the
surrounding PCB copper traces, ground plane, and surrounding air.
The LD package should have its DAP soldered to a copper pad on the PCB. The DAP's PCB copper pad may be
connected to a large plane of continuous unbroken copper. This plane forms a thermal mass, heat sink, and
radiation area. Further detailed and specific information concerning PCB layout, fabrication, and mounting an LD
(WSON) package is available from Texas Instruments' Package Engineering Group under application note AN-
1187.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is important for low noise performance and high power supply
rejection. The capacitor location on the power supply pins should be as close to the device as possible. Typical
applications employ a battery (or 1.5V regulator) with 10µF tantalum or electrolytic capacitor and a ceramic
bypass capacitor that aid in supply stability. This does not eliminate the need for bypassing the supply nodes of
the LM4916. A bypass capacitor value in the range of 0.1µF to 1µF is recommended.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com