Electronic Components Datasheet Search
  English  ▼

X  

LM5007 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5007
Description  LM5007 75-V, 0.5-A DC/DC Buck Converter With 80-V Integrated Power MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5007 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5007 Datasheet HTML 8Page - Texas Instruments LM5007 Datasheet HTML 9Page - Texas Instruments LM5007 Datasheet HTML 10Page - Texas Instruments LM5007 Datasheet HTML 11Page - Texas Instruments LM5007 Datasheet HTML 12Page - Texas Instruments LM5007 Datasheet HTML 13Page - Texas Instruments LM5007 Datasheet HTML 14Page - Texas Instruments LM5007 Datasheet HTML 15Page - Texas Instruments LM5007 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ac
SW
FB1
FB2
C
L(min)
5
C
F
R
R
25mV
R
I
t
˜
'
r
ac
IN(min)
OUT
ON
r
r
C
3.3nF
C
100nF
V
V
t
R
C
25mV
˜
˜
OUT
C
L(min)
REF
V
25mV
R
I
V
˜
'
GND
To FB
L1
COUT
RFB2
RFB1
VOUT
RC
GND
To FB
L1
COUT
RFB2
RFB1
VOUT
RC
Cac
C
OUT
VOUT
GND
Rr
Cac
Cr
To FB
RFB2
RFB1
L1
12
LM5007
SNVS252H – SEPTEMBER 2003 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM5007
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
Feature Description (continued)
Type 3 ripple method uses Rr and Cr and the switch node (SW) voltage to generate a triangular ramp. This
triangular ramp is ac coupled using Cac to the feedback node (FB). Since this circuit does not use the output
voltage ripple, it is ideally suited for applications where low output voltage ripple is required. See AN-1481
Controlling Output Ripple and Achieving ESR Independence in Constant On-Time (COT) Regulator Designs
(SNVA166) for more details for each ripple generation method.
Table 1. Ripple Configuration
TYPE 1
LOWEST COST CONFIGURATION
TYPE 2
REDUCED RIPPLE CONFIGURATION
TYPE 3
MINIMUM RIPPLE CONFIGURATION
(6)
(7)
(8)
7.4 Device Functional Modes
7.4.1 Standby Mode with VIN
The LM5007 is intended to operate with input voltages above 9 V. The minimum operating input voltage is
determined by the VCC undervoltage lockout threshold of 6.3 V (typ). If VIN is too low to support a VCC voltage
greater than the VCC UVLO threshold, the converter switches to its standby mode with the buck switch in the off
state.
7.4.2 Shutdown Mode
The LM5007 is in shutdown mode when the RON pin is pulled below 0.7 V (typ). In this mode, the buck MOSFET
is held off and the VCC regulator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com