Electronic Components Datasheet Search
  English  ▼

X  

LM5007 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5007
Description  LM5007 75-V, 0.5-A DC/DC Buck Converter With 80-V Integrated Power MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5007 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5007 Datasheet HTML 9Page - Texas Instruments LM5007 Datasheet HTML 10Page - Texas Instruments LM5007 Datasheet HTML 11Page - Texas Instruments LM5007 Datasheet HTML 12Page - Texas Instruments LM5007 Datasheet HTML 13Page - Texas Instruments LM5007 Datasheet HTML 14Page - Texas Instruments LM5007 Datasheet HTML 15Page - Texas Instruments LM5007 Datasheet HTML 16Page - Texas Instruments LM5007 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
4
8
3
6
5
1
2
CVCC
7
LM5007
VCC
FB
SW
BST
VIN
RCL
RTN
RON
RCL
CIN
COUT
Shutdown
RC
CBST
L1
D1
RON
RFB2
RFB1
200
NŸ
CBYP
100
NŸ
0.01 µF
100 µH
1 µF
0.1 µF
0.1 µF
3.01
NŸ
1
NŸ
15 µF
1
Ÿ
VIN
VOUT
12 V to 75 V
10V
13
LM5007
www.ti.com
SNVS252H – SEPTEMBER 2003 – REVISED NOVEMBER 2018
Product Folder Links: LM5007
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM5007 requires only a few external components to convert from a wide range of supply voltages to a fixed
output voltage. To expedite and streamline the process of designing a LM5007-based converter, a
comprehensive LM5007 quick-start calculator is available for download to assist the designer with component
selection for a given application. WEBENCH® online software is also available to generate complete designs,
leveraging iterative design procedures and access to comprehensive component databases. The following
sections discuss a design procedure using a typical application example. Figure 7 shows the LM5007 in a
configuration suitable for several application use cases. See the LM5007 EVM for more details.
8.2 Typical Application
The application schematic of an LM5007-based buck converter is shown in Figure 7. For an output voltage
(VOUT) above the maximum regulation threshold of VCC (see Electrical Characteristics), the VCC pin can be
supplied from VOUT through a diode for higher efficiency and lower power dissipation in the IC.
Figure 7. 12-V to 75-V Input and 10-V, 400-mA Output Buck Converter
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETERS
VALUE
Input Voltage
12 V to 75 V
Output Voltage
10 V
Maximum Output Current
400 mA
Nominal Switching Frequency
380 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com